Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWCA1009 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCA1009
Description  WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCA1009 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCA1009 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCA1009 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCA1009 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at +25 °C, sea level unless stated otherwise
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
8.2
8.7
9.3
9.8
10.3
10.8
11.4
11.9
12.4
8.2 GHz
VSWR
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2
GHz to 12.4 GHz, X Band PEWCA1009
URL: https://www.pasternack.com/wr-90-cpr-90g-grooved-n-female-waveguide-coax-adapter-12.4-ghz-pewca1009-p.aspx
PEWCA1009
PEWCA1009 REV 1.0
WR-90 CPR-90G Grooved Flange to N Female Waveguide to
Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
Waveguide to Coax Adapters Technical Data Sheet


Similar Part No. - PEWCA1009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCA1000 PASTERNACK-PEWCA1000 Datasheet
369Kb / 3P
   WR-28 UG-599/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz, Ka Band
PEWCA1001 PASTERNACK-PEWCA1001 Datasheet
368Kb / 3P
   WR-34 UG-1530/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 22 GHz to 33 GHz
PEWCA1002 PASTERNACK-PEWCA1002 Datasheet
367Kb / 3P
   WR-51 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz, N Band
PEWCA1003 PASTERNACK-PEWCA1003 Datasheet
368Kb / 3P
   WR-62 UG-1665/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
PEWCA1004 PASTERNACK-PEWCA1004 Datasheet
375Kb / 4P
   WR-75 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, M Band
More results

Similar Description - PEWCA1009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9873 PASTERNACK-PE9873 Datasheet
443Kb / 4P
   WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1007 PASTERNACK-PEWCA1007 Datasheet
402Kb / 3P
   WR-90 CPR-90G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWAD5015 PASTERNACK-PEWAD5015 Datasheet
442Kb / 4P
   WR-90 Waveguide Bulkhead Adapter CPR-90G Flange, 8.2 GHz to 12.4 GHz
PE-W90SF006-36 PASTERNACK-PE-W90SF006-36 Datasheet
413Kb / 4P
   WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE9883 PASTERNACK-PE9883 Datasheet
368Kb / 3P
   WR-90 UDR100 Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz
PE-W90B004 PASTERNACK-PE-W90B004 Datasheet
362Kb / 2P
   WR-90 Waveguide H-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B003 PASTERNACK-PE-W90B003 Datasheet
367Kb / 2P
   WR-90 Waveguide E-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PEWCA1017 PASTERNACK-PEWCA1017 Datasheet
398Kb / 3P
   WR-137 CPR-137G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PE9889 PASTERNACK-PE9889 Datasheet
384Kb / 4P
   WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCP1061 PASTERNACK-PEWCP1061 Datasheet
432Kb / 5P
   WR-90 40 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com