Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC143TK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTC143TK
Description  NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC143TK Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTC143TK Datasheet HTML 1Page - NXP Semiconductors PDTC143TK Datasheet HTML 2Page - NXP Semiconductors PDTC143TK Datasheet HTML 3Page - NXP Semiconductors PDTC143TK Datasheet HTML 4Page - NXP Semiconductors PDTC143TK Datasheet HTML 5Page - NXP Semiconductors PDTC143TK Datasheet HTML 6Page - NXP Semiconductors PDTC143TK Datasheet HTML 7Page - NXP Semiconductors PDTC143TK Datasheet HTML 8Page - NXP Semiconductors PDTC143TK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 06
4
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PDTC143T series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Refer to standard mounting conditions.
2. Reflow soldering is the only recommended soldering method.
3. Refer to SOT883 standard mounting conditions; FR4 with 60
µm copper strip line.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDTC143TE
plastic surface mounted package; 3 leads
SOT416
PDTC143TEF
plastic surface mounted package; 3 leads
SOT490
PDTC143TK
plastic surface mounted package; 3 leads
SOT346
PDTC143TM
leadless ultra small plastic package; 3 solder lands; body
1.0
× 0.6 × 0.5 mm
SOT883
PDTC143TS
plastic single-ended leaded (through hole) package; 3 leads
SOT54
PDTC143TT
plastic surface mounted package; 3 leads
SOT23
PDTC143TU
plastic surface mounted package; 3 leads
SOT323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
50
V
VEBO
emitter-base voltage
open collector
5V
IO
output current (DC)
100
mA
ICM
collector current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT54
note 1
500
mW
SOT23
note 1
250
mW
SOT346
note 1
250
mW
SOT323
note 1
200
mW
SOT490
notes 1 and 2
250
mW
SOT883
notes 2 and 3
250
mW
SOT416
note 1
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient
temperature
−65
+150
°C


Similar Part No. - PDTC143TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143TK NXP-PDTC143TK Datasheet
180Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC143TK NEXPERIA-PDTC143TK Datasheet
402Kb / 15P
   NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC143TK NEXPERIA-PDTC143TK Datasheet
385Kb / 15P
   PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTC143TK NEXPERIA-PDTC143TK Datasheet
402Kb / 15P
   NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
More results

Similar Description - PDTC143TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PEMD6 PHILIPS-PEMD6 Datasheet
55Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Nov 07
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
   PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PUMH13 PHILIPS-PUMH13 Datasheet
61Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
logo
Nexperia B.V. All right...
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
   NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC143T_SER NEXPERIA-PDTC143T_SER Datasheet
402Kb / 15P
   NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
logo
NXP Semiconductors
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com