Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC06FTRDRR002G Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # LRC06FTRDRR002G
Description  Metal Strip Chip Current Sense Resistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC06FTRDRR002G Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button LRC06FTRDRR002G Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LRC06FTRDRR002G Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 5/11
Environmental Characteristics
Environmental Characteristics (LRC)
Item
Specification
Test Method
Black
coating
Green
coating
Thermal Shock
±0.5%
±1%
-55℃~150℃, 100 cycles. MIL-STD-202 Method 107G
Short Time Overload
±0.5%
±1%
5*Rated Power for 5 seconds. JIS-C-5202-5.5
Endurance
±1%
±1%
70±2℃, Max. working voltage for 1000 hrs with 1.5 hrs and
0.5 hrs
Dry Heat
±1%
±1%
at +170℃ for 1000 hrs
Resistance to Soldering Heat
±0.5%
±1%
260±5℃, for 10 seconds. MIL-STD-202F Method 210E
Solderability
95% min coverage
245±5℃ for 3 seconds. MIL-STD-202F Method 210E
Temperature Coefficient of
Resistance
As Spec.
+25/-55/+25/+125/+25℃. MIL-STD-202 Method 304
Rated continuous Working Voltage (RCWV) =
√�������������������� ������������������������ × ���������������������������������������� �������������������� (����) or Max. Operating voltage
whichever is lower.
Green coating can't be work with wave soldering bath.
Humidity < 80%RH; Storage Temperature: 25±3℃
Soldering Condition (LRC)
Green coating ”Reflow Air Convection” is available
Green coating can't be working with wave soldering bath
Power Derating Curve


Similar Part No. - LRC06FTRDRR002G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC06HTRD0M50G TOKEN-LRC06HTRD0M50G Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
LRC06HTRD0M75 TOKEN-LRC06HTRD0M75 Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
LRC06HTRD0M75 TOKEN-LRC06HTRD0M75 Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
LRC06HTRD0M75G TOKEN-LRC06HTRD0M75G Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
LRC06HTRD0M75G TOKEN-LRC06HTRD0M75G Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
More results

Similar Description - LRC06FTRDRR002G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRK BOURNS-CRK Datasheet
565Kb / 5P
   Metal Strip, Wide Terminal Current Sense Resistor
logo
TE Connectivity Ltd
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com