Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2,54UFL21 Datasheet(PDF) 3 Page - Lumberg

Part # 2,54UFL21
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54UFL21 Datasheet(HTML) 3 Page - Lumberg

  2,54UFL21 Datasheet HTML 1Page - Lumberg 2,54UFL21 Datasheet HTML 2Page - Lumberg 2,54UFL21 Datasheet HTML 3Page - Lumberg 2,54UFL21 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
51 2,54 UFL
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,54 UFL 03
3
200
2000
2,54 UFL 04
4
200
2000
2,54 UFL 05
5
200
2000
2,54 UFL 06
6
200
2000
2,54 UFL 07
7
200
2000
2,54 UFL 08
8
200
2000
2,54 UFL 09
9
200
2000
2,54 UFL 10
10
200
2000
2,54 UFL 11
11
200
2000
2,54 UFL 12
12
200
2000
2,54 UFL 13
13
200
2000
2,54 UFL 14
14
200
2000
2,54 UFL 15
15
200
2000
2,54 UFL 16
16
200
2000
2,54 UFL 17
17
200
2000
2,54 UFL 18
18
200
2000
2,54 UFL 19
19
200
2000
2,54 UFL 20
20
200
2000
2,54 UFL 21
21
200
2000
2,54 UFL 22
22
200
2000
2,54 UFL 23
23
200
2000
2,54 UFL 24
24
200
2000
2,54 UFL 25
25
200
2000
2,54 UFL 26
26
200
2000
2,54 UFL 27
27
200
2000
2,54 UFL 28
28
200
2000
2,54 UFL 29
29
200
2000
2,54 UFL 30
30
200
2000
2,54 UFL 31
31
200
2000
2,54 UFL 32
32
200
2000
2,54 UFL 33
33
200
2000
2,54 UFL 34
34
200
2000
2,54 UFL 35
35
200
2000
2,54 UFL 36
36
200
2000
2,54 UFL 37
37
200
2000
2,54 UFL 38
38
200
2000
of 4


Similar Part No. - 2,54UFL21

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,54UFL LUMBERG-2,54UFL Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - 2,54UFL21

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com