Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2,54UF15 Datasheet(PDF) 4 Page - Lumberg

Part # 2,54UF15
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54UF15 Datasheet(HTML) 4 Page - Lumberg

  2,54UF15 Datasheet HTML 1Page - Lumberg 2,54UF15 Datasheet HTML 2Page - Lumberg 2,54UF15 Datasheet HTML 3Page - Lumberg 2,54UF15 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
51 2,54 UF
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,54 UF 39
39
200
2000
2,54 UF 40
40
200
2000
2,54 UF 41
41
200
2000
2,54 UF 42
42
200
2000
2,54 UF 43
43
200
2000
2,54 UF 44
44
200
2000
2,54 UF 45
45
200
2000
2,54 UF 46
46
200
2000
2,54 UF 47
47
200
2000
2,54 UF 48
48
200
2000
2,54 UF 49
49
200
2000
2,54 UF 50
50
200
2000
2,54 UF 51
51
200
2000
2,54 UF 52
52
200
2000
2,54 UF 53
53
200
2000
2,54 UF 54
54
200
2000
2,54 UF 55
55
200
2000
2,54 UF 56
56
200
2000
2,54 UF 57
57
200
2000
2,54 UF 58
58
200
2000
2,54 UF 59
59
200
2000
2,54 UF 60
60
200
2000
2,54 UF 61
61
200
2000
Packaging:
in bulk, in a cardboard box
of 4


Similar Part No. - 2,54UF15

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,54UF LUMBERG-2,54UF Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54UFL LUMBERG-2,54UFL Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54UFL LUMBERG-2,54UFL Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54UFL03 LUMBERG-2,54UFL03 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54UFL04 LUMBERG-2,54UFL04 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - 2,54UF15

ManufacturerPart #DatasheetDescription
logo
Lumberg
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com