Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS1053US Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS1053US
Description  2:1 Mux/Demux Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053US Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS1053US Datasheet HTML 1Page - ON Semiconductor NLAS1053US Datasheet HTML 2Page - ON Semiconductor NLAS1053US Datasheet HTML 3Page - ON Semiconductor NLAS1053US Datasheet HTML 4Page - ON Semiconductor NLAS1053US Datasheet HTML 5Page - ON Semiconductor NLAS1053US Datasheet HTML 6Page - ON Semiconductor NLAS1053US Datasheet HTML 7Page - ON Semiconductor NLAS1053US Datasheet HTML 8Page - ON Semiconductor NLAS1053US Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NLAS1053
http://onsemi.com
3
DC CHARACTERISTICS – Digital Section (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Condition
VCC
*55_C to
25
_C
t85_C
t125_C
Unit
VIH
Minimum High–Level Input
Voltage, Select and Inhibit
Inputs
2.0
2.5
3.0
4.5
5.5
1.5
1.9
2.1
3.15
3.85
1.5
1.9
2.1
3.15
3.85
1.5
1.9
2.1
3.15
3.85
V
VIL
Maximum Low–Level Input
Voltage, Select and Inhibit
Inputs
2.0
2.5
3.0
4.5
5.5
0.5
0.6
0.9
1.35
1.65
0.5
0.6
0.9
1.35
1.65
0.5
0.6
0.9
1.35
1.65
V
IIN
Maximum Input Leakage
Current, Select and Inhibit
Inputs
VIN = 5.5 V or GND
0 V to 5.5 V
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent Supply
Current
Select and Inhibit = VCC or GND
5.5
1.0
1.0
2.0
mA
DC ELECTRICAL CHARACTERISTICS – Analog Section
Guaranteed Limit
Symbol
Parameter
Condition
VCC
-55 to 255C
< 855C
< 1255C
Unit
RON
Maximum “ON”
Resistance
(Figures 17 – 23)
VIN = VIL or VIH
VIS = GND to VCC
IINI ≤ 10.0 mA
2.5
3.0
4.5
5.5
70
40
20
16
85
46
28
22
105
52
34
28
W
RFLAT
(ON)
ON Resistance Flatness
(Figures 17 – 23)
VIN = VIL or VIH
IINI ≤ 10.0 mA
VIS = 1V, 2V, 3.5V
4.5
4
4
5
W
DRON
(ON)
ON Resistance Match
Between Channels
VIN = VIL or VIH
IINI ≤ 10.0 mA
VCH1 or VCH0 = 3.5 V
4.5
2
2
3
W
ICH0
ICH1
CH1 or CH0 Off Leakage
Current (Figure 9)
VIN = VIL or VIH
VCH1 or VCH0 = 1.0 VCOM 4.5 V
5.5
1
10
100
nA
ICOM(ON)
COM ON Leakage
Current (Figure 9)
VIN = VIL or VIH
VCH1 1.0 V or 4.5 V with VCH0
floating or
VCH1 1.0 V or 4.5 V with VCH1
floating
VCOM = 1.0 V or 4.5 V
5.5
1
10
100
nA


Similar Part No. - NLAS1053US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053US ONSEMI-NLAS1053US Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053USG ONSEMI-NLAS1053USG Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053USG ONSEMI-NLAS1053USG Datasheet
113Kb / 10P
   2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
More results

Similar Description - NLAS1053US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053 ONSEMI-NLAS1053_15 Datasheet
113Kb / 10P
   2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
   Quad 2 1 Mux/DeMux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com