Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80T201M1F Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # HI80T201M1F
Description  Thick Film Planar Dividers, High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80T201M1F Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  HI80T201M1F Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. HI80T201M1F Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. HI80T201M1F Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. HI80T201M1F Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80T201M1F Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80T201M1F Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80T201M1F Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/6
Product Introduction
Features :
 High precision, Non-Inductance design.
 High voltage, Wide range of resistance.
 Custom design services. RoHS compliant.
Applications :
 Pulse Modulator, Radar Pulse Forming Network.
 X-ray/Imaging Equipment, and EMI lightning
suppression.
 Capacitor Arc Suppression Circuit, High Voltage Buffer
Circuit.
 Impulse Voltage Generator. Electric Arc Furnace
Damping, Energy Research.
Through-hole (HI83) thick film planar divider, high voltage
resistor series is a new generation of Token Electronic
Technology Co., Ltd. Taking advantage of high-quality
ruthenium oxide resistance material to 96% alumina planar
ceramic matrix, dividers (HI83) features good thermal
conductivity, small size, and high reliability. Custom dividers
available with leadwire terminals or with leadless conductive
pads.
The planar thick film divider resistor (HI83) provides stable
performance over a wide range of resistance values with a voltage rating up to 35KV. The maximum
resistance ratio is 1000: 1 (ratio greater than 1000: 1, such as 2000: 1, 4000: 1, and 5000: 1 is available
on request) with a minimum resistance ratio of 40: 1.
Low temperature coefficient can be used for high stability circuit applications. Space-saving planar
packages provide an alternative to traditional high-voltage resistors. (HI83) is mainly used in precision
instruments, drive circuits, power supplies, transformers, high voltage power equipment, and any need
to operate in high voltage electrical appliances and other fields.
The main structure of the planar thick film voltage divider (HI83): The terminal connecting conductor
and the ruthenium oxide resistive material were printed on the surface of the 96% alumina substrate in
a non-inductive pattern. Then apply the screen printing protection, after connect the terminals.
Phosphor bronze solder is welded to the lead frame terminal and is immersed in SnAgCu to meet the
following IEC weldability requirements.
Thick film (HI83) voltage dividers are RoHS compliant and 100% lead free. For conventional
parameters, specifications outside the parameters, or technical requirements, please contact Token, or
link to Token official website "High Voltage Resistors" to get more information.
Token electronic printing technology to achieve a superior
precision, thick film planar high voltage dividers.


Similar Part No. - HI80T201M1F

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80T201M1F TOKEN-HI80T201M1F Datasheet
917Kb / 12P
   Ultra-Precision High-Power High-Voltage Resistors
More results

Similar Description - HI80T201M1F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Vishay Siliconix
CDHV VISHAY-CDHV_15 Datasheet
101Kb / 4P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CDHV VISHAY-CDHV Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com