Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD664KNZ-UNI Datasheet(PDF) 8 Page - Analog Devices

Part # AD664KNZ-UNI
Description  Monolithic 12-Bit Quad DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664KNZ-UNI Datasheet(HTML) 8 Page - Analog Devices

Back Button AD664KNZ-UNI Datasheet HTML 4Page - Analog Devices AD664KNZ-UNI Datasheet HTML 5Page - Analog Devices AD664KNZ-UNI Datasheet HTML 6Page - Analog Devices AD664KNZ-UNI Datasheet HTML 7Page - Analog Devices AD664KNZ-UNI Datasheet HTML 8Page - Analog Devices AD664KNZ-UNI Datasheet HTML 9Page - Analog Devices AD664KNZ-UNI Datasheet HTML 10Page - Analog Devices AD664KNZ-UNI Datasheet HTML 11Page - Analog Devices AD664KNZ-UNI Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD664
REV.
–7–
Multiplying Mode Performance
Figure 6 illustrates the typical open-loop gain and phase perfor-
mance of the output amplifiers of the AD664.
0
+5
+20
+15
+10
10k
100k
1M
0
+45
+90
FREQUENCY – H z
GAIN
PHASE
Figure 6. Gain and Phase Performance of AD664 Outputs
Crosstalk
Crosstalk is a spurious signal on one DAC output caused by a
change in the output of one or more of the other DACs.
Crosstalk can be induced by capacitive, thermal or load current
induced feedthrough. Figure 7 shows typical crosstalk. DAC B
is set to output 0 volts. The outputs of DAC A, C and D switch
2 k
Ω loads from 10 V to 0 V. The first disturbance in the output
of DAC B is caused by digital feedthrough from the input data
lows. The second disturbance is caused by analog feedthrough
from the other DAC outputs.
Figure 7. Output Crosstalk
Output Noise
Wideband output noise is shown in Figure 8. This measurement
was made with a 7 MHz noise bandwidth, gain = 1 and all bits
on. The total rms noise is approximately one fifth the visual
peak-to-peak noise.
DIGITAL INTERFACE
As Table II shows, the AD664 makes a wide variety of operating
modes available to the user. These modes are accessed or pro-
grammed through the high speed digital port of the quad DAC.
On-board registers program and store the DAC input codes and
the DAC operating mode data. All registers are double-buffered
to allow for simultaneous updating of all outputs. Register data
may be read back to verify the respective contents. The digital
port also allows transparent operation. Data from the input pins
can be sent directly through both ranks of latches to the DAC.
Figure 8. Typical Output Noise
Partial address decoding is performed by the DS0, DS1, QS0,
QS1
and QS2 address bits. QS0, QS1 and QS2 allow the 44-pin
versions of the AD664 to be addressed in 4-bit nibble, 8-bit byte
or 12-bit parallel words.
The RST pin provides a simple method to reset all output
voltages to zero. Its advantages are speed and low software
overhead.
INPUT DATA
In general, two types of data will be input to the registers of the
AD664, input code data and mode select data. Input code data
sets the DAC inputs while the mode select data sets the gain
and range of each DAC.
The versatile I/O port of the AD664 allows many different types
of data input schemes. For example, the input code for just one
of the DACs may be loaded and the output may or may not be
updated. Or, the input codes for all four DACs may be written,
and the outputs may or may not be updated.
The same applies for MODE SELECTION. The mode of just
one or many of the DACs may be rewritten and the user can
choose to immediately update the outputs or wait until a later
time to transfer the mode information to the outputs.
A user may also write both input code and mode information
into their respective first ranks and then update all second ranks
at once.
Finally, transparent operation allows data to be transferred from
the inputs to the outputs using a single control line. This feature
is useful, for example, in a situation where one of the DACs is
used in an A/D converter. The SAR register could be connected
directly to a DAC by using the transparent mode of operation.
Another use for this feature would be during system calibration
where the endpoints of the transfer function of each DAC would
be measured. For example, if the full-scale voltages of each
DAC were to be measured, then by making all four DACs
transparent and putting all “1s” on the input port, all four
DACs would be at full-scale. This requires far less software
overhead than loading each register individually.
D


Similar Part No. - AD664KNZ-UNI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664KNZ-UNI AD-AD664KNZ-UNI Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
More results

Similar Description - AD664KNZ-UNI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664 AD-AD664_15 Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD664JPZ AD-AD664JPZ Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
   CMOS, 12-Bit, Monolithic Multiplying DAC
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com