Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD664JPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD664JPZ
Description  Monolithic 12-Bit Quad DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664JPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD664JPZ Datasheet HTML 6Page - Analog Devices AD664JPZ Datasheet HTML 7Page - Analog Devices AD664JPZ Datasheet HTML 8Page - Analog Devices AD664JPZ Datasheet HTML 9Page - Analog Devices AD664JPZ Datasheet HTML 10Page - Analog Devices AD664JPZ Datasheet HTML 11Page - Analog Devices AD664JPZ Datasheet HTML 12Page - Analog Devices AD664JPZ Datasheet HTML 13Page - Analog Devices AD664JPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD664
REV.
–9–
Figure 10a. Preload First Rank of a DAC
25 CTMIN to TMAX
SYMBOL
MIN (ns)
MIN (ns)
tLS
00
tLH
15
15
tCW
80
100
tDS
00
tDH
15
15
tAS
00
tAH
15
15
Figure 10b. Preload First Rank of a DAC Timing
This allows the user to “preload” the data to a DAC and strobe
it into the output latch at some future time. The user could do
this by reproducing the sequence of signals illustrated in the
next section.
Update Second Rank of a DAC
Assuming that a new input code had previously been placed into
the first rank of the input latches, the user can update the out-
put of the DAC by simply pulling CS low while keeping LS,
MS
, TR, RD and RST high. Address data is not needed in this
case. In reality, all second ranks are being updated by this pro-
cedure, but only those which receive data different from that
already there would manifest a change. Updating the second
rank does not change the contents of the first rank.
Figure 11. Update Second Rank of a DAC
The same options that exist for individual DAC input loading
also exist for multiple DAC input loading. That is, the user can
choose to update the first and second ranks of the registers or
preload the first ranks and then update them at a future time.
Preload Multiple First Rank Registers
The first ranks of the DAC input registers may be preloaded
with new input data without disturbing the second rank data.
This is done by transferring the data into the first rank by bring-
ing CS low while LS is low. But CS must return high before LS.
This prevents the data from the first rank from getting into the
second rank. A simple second rank update cycle as shown in
Figure 11 would move the “preloaded” information to the
DACs.
Figure 12. Preload First Rank Registers
Load and Update Multiple DAC Outputs
The following examples demonstrate two ways to update all
DAC outputs. The first method involves doing all data transfers
during one long CS low period. Note that in this case, shown in
Figure 13, LS returns high before CS goes high. Data hold time,
relative to an address change, is 70 ns. This updates the outputs
of all DACs simultaneously.
Figure 13. Update All DAC Outputs
The second method involves doing a CS assertion (low) and an
LS
toggle separately for each DAC. It is basically a series of
preload operations (Figure 10). In this case, illustrated in Figure
14, two LS signals are shown. One, labeled LS, goes high before
CS
returns high. This transfers the “new” input word to the
DAC outputs sequentially. The second LS signal, labeled Alter-
nate LS, stays low until CS returns high. Using this sequence
loads the first ranks with each “new” input word but doesn’t up-
date the DAC outputs. To then update all DAC outputs simul-
taneously would require the signals illustrated in Figure 11.
Figure 14. Load and Update Multiple DACs
SELECTING GAIN RANGE AND MODES (44-PIN
VERSIONS)
The AD664’s mode select feature allows a user to configure the
gain ranges and output modes of each of the four DACs.
On-board switches take the place of up to eight external relays
that would normally be required to accomplish this task. The
switches are programmed by the mode select word entered via
the data I/O port. The mode select word is eight-bits wide and
D


Similar Part No. - AD664JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664JPZ AD-AD664JPZ Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
More results

Similar Description - AD664JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664 AD-AD664_15 Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD664JPZ AD-AD664JPZ Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
   CMOS, 12-Bit, Monolithic Multiplying DAC
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com