Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA06 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MPSA06
Description  NPN Small Signal Transistor 625 mW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSA06 Datasheet(HTML) 2 Page - Micro Commercial Components

  MPSA06_15 Datasheet HTML 1Page - Micro Commercial Components MPSA06_15 Datasheet HTML 2Page - Micro Commercial Components MPSA06_15 Datasheet HTML 3Page - Micro Commercial Components MPSA06_15 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: E
2014/11/26
www.mccsemi.com
2 of 4
h
——
I
Static Characteristic
FE
C
300
1000
OMMON
MITTER
CE
250
200
150
100
A
a
100
50
B
0
10
0
1
2
3
4
(V)
5
0.4
1
10
COLLECTOR CURRENT I
100
(mA)
500
COLLECTOR-EMITTER VOLTAGE V
CE
C
V
——
V
——
I
I
CEsat
BEsat
C
C
1200
1000
β=10
β=10
900
T =25
a
600
100
T =100
a
T =100
a
T =25
a
300
0
10
500
1
10
COLLECTOR CURRENT
100
(mA)
1
10
COLLECTOR CURRENT I
100
(mA)
500
I
C
C
I
—— V
f
——
I
BE
C
T
C
1000
500
COMMON EMITTER
COMMON EMITTER
V =1V
V = 2V
CE
CE
T =25
100
a
300
T =100
a
10
T =25
a
100
1
30
0.1
10
2.5
200
400
600
800
1000
10
COLLECTOR CURRENT I
100
BASE-EMMITER VOLTAGE V
(mV)
(mA)
BE
C
V / V
C / C
——
P
—— T
ob
ib
CB
EB
C
a
COMMON EMITTER
V =1V
T =100
a
T =25
2.1mA
C
E
Ta =25
1
.5mA
1.2m
1.8mA
0.9mA
0.6mA
I =0.3mA
2.4
mA
2.7
mA
3.0
mA
Typical Characterisitics
Micro Commercial Components
M C C
TM


Similar Part No. - MPSA06_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
   Plastic-Encapsulate Transistor
logo
KEC(Korea Electronics)
MPSA06 KEC-MPSA06_15 Datasheet
43Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - MPSA06_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA06 MCC-MPSA06 Datasheet
346Kb / 1P
   NPN Small Signal Transistor 625 mW
MPSA06 MCC-MPSA06_11 Datasheet
234Kb / 2P
   NPN Small Signal Transistor 625 mW
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com