Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80P300A1K1K Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # HI80P300A1K1K
Description  Thick Film Planar Dividers, High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80P300A1K1K Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  HI80P300A1K1K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. HI80P300A1K1K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. HI80P300A1K1K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. HI80P300A1K1K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80P300A1K1K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80P300A1K1K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80P300A1K1K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 5/6
Order Codes
Order Codes (HI83)
Example:
HI83-20 for a voltage ratio of 1:1000, with R1 = 99.9 megohms and R2 = 100 kilohms (total R1 + R2 =
100 megohms) at 50ppm/°C absolute and 25ppm/°C tracking TCR, 1% absolute and 0.5% ratio
tolerance.
HI83
20
C2C3
100M
100K
FD
Part
Number
HI83
Size
04 1/4W
02 1/2W
10
1W
20
20W
30
30W
50
5W
TCR (ppm/°C)
C1C2
100ppm absolute and
50ppm tracking
C1C3
100ppm absolute and
25ppm tracking
C2C3
50ppm absolute and
25ppm tracking
R1 + R2 (Ω)
100M
99MΩ +
1MΩ
100M
99.9MΩ +
100KΩ
150M
148.5MΩ +
1.5MΩ
R2 (Ω)
1M
1MΩ
100K
100KΩ
1M5
1.5MΩ
Resistance Tolerance
(%)
JF
5% absolute and
1% ratio
FD
1% absolute and
0.5% ratio
FC
1% absolute and
0.25% ratio
Order Codes (HI80P) High-Power High Voltage Resistor
HI80P
20
a
1G
F
Part Number
HI80P
Rated Power (W)
20
20W
30
30W
150
150W
300
300W
Type
a
b
c
Resistance Value (Ω)
10
10Ω
1K1
1.1KΩ
110K
110KΩ
1M1
1.1MΩ
110M
110MΩ
10G
10GΩ
Resistance Tolerance (%)
D
±0.5%
F
±1%
J
±5%
K
±10%
Order Codes (HI80T) Ultra-Precision High Voltage Resistor
HI80T
32
500M
B
Part Number
HI80T
Rated Power (W)
20
0.8W
32
1.2W
52
2W
154
6W
Resistance Value (Ω)
10
10Ω
1K1
1.1KΩ
110K
110KΩ
1M1
1.1MΩ
500M
500MΩ
Resistance Tolerance (%)
B
±0.1%
D
±0.5%
F
±1%


Similar Part No. - HI80P300A1K1K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80P300A1K1K TOKEN-HI80P300A1K1K Datasheet
917Kb / 12P
   Ultra-Precision High-Power High-Voltage Resistors
More results

Similar Description - HI80P300A1K1K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Vishay Siliconix
CDHV VISHAY-CDHV_15 Datasheet
101Kb / 4P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CDHV VISHAY-CDHV Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com