Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-E680UBKT Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTST-E680UBKT
Description  SMD LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-E680UBKT Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTST-E680UBKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-E680UBKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at Ta=25℃
Parameter
LTST-E680UBKT
Unit
Power Dissipation
114
mW
Peak Forward Current
(1/10 Duty Cycle, 1ms Pulse Width)
100
mA
DC Forward Current
30
mA
Operating Temperature Range
-40℃ to + 85℃
Storage Temperature Range
-40℃ to + 100℃
Suggest IR Reflow Condition :
IR- Ref l ow Sol deri ng P rof i l e f or l ead f ree sol deri ng (Acc. t o J - STD- 020B )
Part No. : LTST-E680UBKT
Page :
2
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-E680UBKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-E680UBKT TO-GRACE-LTST-E680UBKT Datasheet
710Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-E680UBKT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com