Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C250KSKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-C250KSKT
Description  SMD LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C250KSKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-C250KSKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C250KSKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3/11
Part No. : LTST-C250KSKT
BNS-OD-FC002/A4
SMD LED
LTST-C250KSKT
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
3.3 Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
LTST-C250KSKT
Unit
Test
Condition
MIN.
TYP.
MAX.
Luminous Intensity
IV
28.0
-
180.0
mcd
IF = 20mA
Note 1
Viewing Angle
2
1/2
130
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
588
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
584.5
597.0
nm
IF=20mA
Note 3
Spectral Line Half-Width
Δλ
15
nm
Forward Voltage
VF
1.8
2.4
IF = 20mA
Reverse Current
IR
-
-
10
μA
VR = 5V


Similar Part No. - LTST-C250KSKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C250KFKT-MS LITEON-LTST-C250KFKT-MS Datasheet
419Kb / 12P
   SMD LED
LTST-C250KGKT LITEON-LTST-C250KGKT Datasheet
663Kb / 12P
   SMD LED
More results

Similar Description - LTST-C250KSKT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com