Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80P30C110KJ Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # HI80P30C110KJ
Description  Thick Film Planar Dividers, High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80P30C110KJ Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  HI80P30C110KJ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. HI80P30C110KJ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. HI80P30C110KJ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. HI80P30C110KJ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80P30C110KJ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80P30C110KJ Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80P30C110KJ Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 3/6
Electrical Characteristics
Technical Characteristics - (HI83)
Part Number
HI83-04
HI83-02
HI83-10
HI83-20
HI83-30
HI83-50
Power rating at 70°C (W)
1/4W
1/2W
1W
2W
3W
5W
Limiting element voltage in air dc or ac pk (KV)
6KV
10KV
15KV
15KV
20KV
25KV
Resistance value (Ω)
10K–1G
50K–1G
100K–1G
100K–1G 100K–1G 100K–1G
Resistance tolerance (%)
1, 5
Ratio tolerance (%)
0.25, 0.5, 1
TCR (20°C to 70°C) (ppm/°C)
50, 100
Tracking TCR (20°C to 70°C) (ppm/°C)
25, 50
Standard values
E24 preferred for (R1 + R2) and R2
Ambient temperature range (°C)
-55 to +125
Insulation resistance at 500V (Ω)
>10G
Dielectric strength of insulation (V)
>1000
Environmental Characteristics
Environmental characteristics - (HI83)
Test Items
Condition
Spec.
Resistance Temp. Coeff.
-55°C ~ 125°C
±200 ~ ±300 ppm/°C
Overload
1.5 times of rated voltage, 15 min (do not exceed max. voltage)
ΔR ≤ ±( 1%R + 0.05Ω )
Load Life
96 hours at rated power
ΔR ≤ ±( 1%R + 0.1%Ω )
Derating Curve


Similar Part No. - HI80P30C110KJ

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80P30C110KJ TOKEN-HI80P30C110KJ Datasheet
917Kb / 12P
   Ultra-Precision High-Power High-Voltage Resistors
More results

Similar Description - HI80P30C110KJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Vishay Siliconix
CDHV VISHAY-CDHV_15 Datasheet
101Kb / 4P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CDHV VISHAY-CDHV Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com