Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2010EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2010EVKIT
Description  MAX2009/MAX2010 Evaluation Kits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2010EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2010EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX2010EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Detailed Description
The following sections describe the tuning methodology
best implemented with a class A amplifier. Other classes
of operation may require significantly different settings.
Supply Decoupling Capacitors
Capacitors C4 and C5 are 0.01µF (±10%) and are used
for minimizing low-frequency noise on the supply.
External Matching Components
The MAX2009 external matching networks at the input
and output of the phase and gain sections consist of
C1, C11, C10, C12, C9, C8, C6, C7, along with some
high-impedance transmission lines. The MAX2010
matching consists of C1, C11, L1, L2, C10, C12, C9, C8,
C6, and C7.
Phase-Tuning Section
Varactors VR1 and VR2 provide fine tuning of the
phase-expansion slope. Resistors R1 and R2 provide a
high-impedance method to inject control voltage on the
varactors. Capacitors C2 and C3 are coupling capaci-
tors that also offset the series parasitic inductance of
the chip and PC board. If phase-slope fine tuning is not
required in the user’s application, then only C2 and C3
to ground are necessary.
Gain and Phase Controls
The MAX2009/MAX2010 controls can provide real-time
software-controlled distortion corrections as well as set-
and-forget tuning by setting the expansion starting
point (breakpoint) and the rate of expansion (slope).
The gain and phase breakpoints are adjustable over a
20dB input power range. The phase expansion slope is
variable from 0.3°/dB to 2.0°/dB and can be adjusted
for a maximum of 24° of phase expansion. The gain
expansion slope is variable from 0.1dB/dB to 0.6dB/dB
and can be adjusted for a maximum of 7dB gain
expansion.
Phase-Expansion Breakpoint
The PB_IN input voltage range of 0V to VCC corre-
sponds to a breakpoint input power range of 3.7dBm to
23dBm. In order to achieve optimal performance, the
phase-expansion breakpoint of the MAX2009/
MAX2010 must be set to equal the phase compression
point of the PA.
Control pin PBRAW should be shorted to the PBEXP
output pin for most applications. Driving PBRAW direct-
ly allows for additional control such as obtaining phase
compression for some and/or all the input power
sweep. Resistor R3 allows the option of driving PBRAW
with a low-impedance voltage, which overrides the
PBEXP output voltage.
Phase-Expansion Slope
The phase-expansion slope of the MAX2009/MAX2010 is
controlled by the PF_S1, PF_S2, PD_CS1, and PD_CS2
pins. Most applications require PF_S1 and PF_S2 to be
driven identically, and therefore they are shorted on layer
4 of the PC board. The phase-expansion slope of the
MAX2009/MAX2010 must also be adjusted to equal the
opposite slope of the PA’s phase-compression curve.
Gain-Expansion Breakpoint
The G_BP input voltage range of 0.5V to 5.0V
corresponds to a breakpoint input power range of -3dBm
to 23dBm. In order to achieve the optimal performance,
the gain-expansion breakpoint of the MAX2009/
MAX2010
must
be
set
to
equal
the
gain-
compression point of the PA. The G_BP control has a
minimal effect on the small-signal gain when operated
from 0.5V to 5.0V.
Gain-Expansion Slope
Both G_CS and G_FS pins have an input voltage range
of 0V to VCC, corresponding to a slope of approximately
0.1dB/dB to 0.6dB/dB. The slope is set to maximum
when VGCS = 0V and VGFS = +5V, and the slope is at
its minimum when VGCS = +5V and VGFS = 0V. In addi-
tion to properly setting the breakpoint, the gain-expan-
sion slope of the MAX2009/MAX2010 must also be
adjusted in order to compensate for the PA’s gain com-
pression. The slope should be set using the following
equation:
MAX20XX_SLOPE =
where:
MAX20XX_SLOPE = MAX2009/MAX2010 gain section’s
slope in dB/dB.
PA_SLOPE = PA’s gain slope in dB/dB, a negative
number for compressive behavior.
Unlike with the G_BP pin, modifying the gain-expansion
slope bias on the G_CS pin causes a change in the
part’s insertion loss and noise figure. For example, a
smaller slope caused by G_CS results in a better inser-
tion loss and lower noise figure.
+
PA SLOPE
PA SLOPE
_
_
1
MAX2009/MAX2010 Evaluation Kits
_______________________________________________________________________________________
3
PIN (J5)
VOLTAGE (V)
G_BP
1.2
G_FS
5
G_CS
1.0
Table 2. Gain Section Control Voltages


Similar Part No. - MAX2010EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2010ETI-T MAXIM-MAX2010ETI-T Datasheet
527Kb / 19P
   500MHz to 1100MHz Adjustable RF Predistorter
Rev 0; 8/03
More results

Similar Description - MAX2010EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com