Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD140-16 Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. BD140-16
Description  Power Transistors PnP Silicon Volts
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD140-16 Datasheet(HTML) 1 Page - Micro Commercial Components

  BD140-16 Datasheet HTML 1Page - Micro Commercial Components BD140-16 Datasheet HTML 2Page - Micro Commercial Components BD140-16 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD136-6/10/16
BD138-6/10/16
BD140-6/10/16
 
   
 
Features
Maximum Ratings
BD136
VCEO
-45
-60
-80
Adc

Electrical Characteristics @ 25
°C Unless Otherwise Specified
OFF CHARACTERISTICS
Revision: D
2017/12/22
www.mccsemi.com
1 of 3





 

 
 

0.291
0.307

7.40
7.80

0.417
0.433
10.60
11.00

0.602
0.618
15.30
15.70

4
1
3.90
4.10

0.118
0.126
3.00
3.20

0.026
0.034
0.66
0.86

0.046
0.054
1.17
1.37

0.090TYP
2.290TYP

0.098
0.114
2.50
2.90
D
B
N
A
C
E
F
G
Q
K
M
N
0.043
0.059
1.10
1.50
Q
0.018
0.024
0.45
0.60
L
J
PIN 1.
EMITTER
PIN 2.
COLLECTOR
PIN 3.
BASE
12
3
L
0.083
0.091
2.10
2.30
M
0.000
0.012
0.00
0.30





DIMENSIONS
Rank
6
10
16
Classification of hFE(3)
Range
40-100
63-160
100-250
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
Micro Commercial Components
M C C
R
Halogen free available upon request by adding suffix "-HF"
Complement with BD135,BD137,BD139
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BD138
BD140
BD136
BD138
BD140
-45
-60
-80
Vdc
VCBO
Vdc
Vdc
Adc
VEBO
IC
IB
-5.0
-1.5
PD
PD
-0.5
1.25
10
1.25
100
Watt
mW/°C
Watt
mW/°C
-55 to +150
10
100
°C/W
°C/W
Collector-Base Voltage
Emitter-Base Voltage
Collector Current
Base Current
Total Device Dissipation @TA=25°C
Derate above 25°C
Total Device Dissipation @TC=25°C
Derate above 25°C
Operating & Storage Temperature Range
Maximum Thermal Resistance Junction to
Case
Maximum Thermal Resistance Junction to
Ambient Air
TJ ,TSTG
Symbol
Min
Max
Units
Parameter
Vdc
Collector-Emitter Sustaining Voltage
IC=-30mA,IB=0
BD136
-45
-60
-80
BD138
BD140
Collector Cutoff Current
(vCB=-30Vdc, IE=0)
(VCB=-30Vdc, IE=0,TC=125°C)
-0.1
-10
-10
Emitter Cutoff Current
(vBE=-5.0Vdc, IC=0)
DC Current Gain*
(IC=-5mAdc, VCE=-2Vdc)
(IC=-0.5Adc, VCE=-2Vdc)
(IC=-150mAdc, VCE=-2Vdc)
25
25
40
250
Collector-Emitter Saturation Voltage
(IB=-500mAdc, IB=-50mAdc)
Base-Emitter ON Voltage
(VCE=-2Vdc, IC=-0.5Adc)
-0.5
-1
Vdc
Vdc
µAdc
µAdc
BVCEO
ICBO
IEBO
hFE
VCE(sat)
VBE (ON)
*Pulse test: Pulse width 300 usec, Duty cycle 2%
RthJC
RthJA


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn