Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD140-16 Datasheet(PDF) 2 Page - Micro Commercial Components

Part No. BD140-16
Description  Power Transistors PnP Silicon Volts
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD140-16 Datasheet(HTML) 2 Page - Micro Commercial Components

  BD140-16 Datasheet HTML 1Page - Micro Commercial Components BD140-16 Datasheet HTML 2Page - Micro Commercial Components BD140-16 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD136
BD138
BD140
TJ = 125°C
dc
5 ms
0.5 ms
0.1 ms
-10
-1
Figure 1. Active–Region Safe Operating Area
-5.0
-2.0
-1.0
-0.5
-0.01
-2
-5
-10
-20
-80
-50
-0.1
-0.05
-0.02
-0.2
BD138-6/10/16
BD136-6/10/16
BD140-6/10/16
Revision: D
2017/12/22
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn