Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-330GC525 Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part # OLS-330GC525
Description  circuit substrate: glass laminated epoxy
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-330GC525 Datasheet(HTML) 3 Page - OSA Opto Light GmbH

  OLS-330GC525 Datasheet HTML 1Page - OSA Opto Light GmbH OLS-330GC525 Datasheet HTML 2Page - OSA Opto Light GmbH OLS-330GC525 Datasheet HTML 3Page - OSA Opto Light GmbH OLS-330GC525 Datasheet HTML 4Page - OSA Opto Light GmbH OLS-330GC525 Datasheet HTML 5Page - OSA Opto Light GmbH OLS-330GC525 Datasheet HTML 6Page - OSA Opto Light GmbH OLS-330GC525 Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Size 1206 – with lens
OLS-330 GC525
Copyright © 2017 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 9/17
Page/Seite 3/7
 Typical Performance Diagram
Typische Kennlinien
Forward Current vs. Forward Voltage
Flussstrom über Flussspannung
Intensity vs. Forward Current
Lichtstärke über Flussstrom
Max. Forward Current vs. Ambient Temperature
Max. Flussstrom über Umgebungstemperatur
Forward Current vs. Shift Dominant Wavelength
Flussstrom gegen Verschiebung der Wellenlänge
Spectrum @ 20mA
Spektrum
View Angle
Abstrahlung
0,01
0,1
1
10
100
1,50
2,00
2,50
3,00
3,50
4,00
Forward Voltage [V]
0,0
0,5
1,0
1,5
2,0
0
102030
40
50
Forward Current [mA]
-40
-20
0
20406080
0
5
10
15
20
T
op[°C]
515,0
520,0
525,0
530,0
535,0
540,0
545,0
550,0
0
1020
304050
Forward Current [mA]
0,0
0,2
0,4
0,6
0,8
1,0
400450
500550
600650
Wavelength [nm]
0
30
60
90
120
150
180
0,0
0,5
1,0


Similar Part No. - OLS-330GC525

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-330GC525-X-TD OSA-OLS-330GC525-X-TD Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens green
OLS-330GC525-X-TU OSA-OLS-330GC525-X-TU Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens green
More results

Similar Description - OLS-330GC525

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-330-880 OSA-OIS-330-880 Datasheet
227Kb / 7P
   circuit substrate: glass laminated epoxy
logo
Marktech Corporate
MTSM0012-843-IR MARKTECH-MTSM0012-843-IR Datasheet
1Mb / 5P
   Circuit substrate: glass laminated epoxy
MTSM5014-199-IR MARKTECH-MTSM5014-199-IR Datasheet
1Mb / 5P
   Circuit substrate: glass laminated epoxy
MTSM0013-843-IR MARKTECH-MTSM0013-843-IR Datasheet
2Mb / 5P
   Circuit substrate: glass laminated epoxy
MTSM5014-843-IR MARKTECH-MTSM5014-843-IR Datasheet
1Mb / 5P
   Circuit substrate: glass laminated epoxy
logo
OSA Opto Light GmbH
OLS-176HSD OSA-OLS-176HSD Datasheet
224Kb / 7P
   circuit substrate: glass laminated epoxy
logo
Marktech Corporate
MTSM5010-199-IR MARKTECH-MTSM5010-199-IR Datasheet
1Mb / 5P
   Circuit substrate: glass laminated epoxy
MTSM5015-843-IR MARKTECH-MTSM5015-843-IR Datasheet
2Mb / 5P
   Circuit substrate: glass laminated epoxy
MTSM5016-199-IR MARKTECH-MTSM5016-199-IR Datasheet
2Mb / 5P
   Circuit substrate: glass laminated epoxy
logo
OSA Opto Light GmbH
OIS-330-770 OSA-OIS-330-770 Datasheet
227Kb / 7P
   circuit substrate: glass laminated epoxy
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com