Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-210MW Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part # OLS-210MW
Description  devices are ROHS and REACH conform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-210MW Datasheet(HTML) 3 Page - OSA Opto Light GmbH

  OLS-210MW Datasheet HTML 1Page - OSA Opto Light GmbH OLS-210MW Datasheet HTML 2Page - OSA Opto Light GmbH OLS-210MW Datasheet HTML 3Page - OSA Opto Light GmbH OLS-210MW Datasheet HTML 4Page - OSA Opto Light GmbH OLS-210MW Datasheet HTML 5Page - OSA Opto Light GmbH OLS-210MW Datasheet HTML 6Page - OSA Opto Light GmbH OLS-210MW Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
side view, cool white
OLS-210 MW
Copyright © 2015 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 8/15
Page/Seite 3/7
 Performace Diagram
Kennlinien
Forward Current vs. Forward Voltage
Flussstrom über Flussspannung
Intensity vs. Forward Current
Strahlstärke über Flussstrom
Maximum Forward Current vs. Ambient Temprature
Max. Flussstom über Umgebungstemperatur
Color coordinates and classes
Farbkoordinaten und -klassen
Spectrum @ 15mA
Spektrum
View Angle
Abstahlung
0,01
0,1
1
10
100
2,00
2,20
2,40
2,60
2,80
3,00
3,20
3,40
3,60
Forward Voltage [V]
0,0
0,5
1,0
1,5
2,0
0
5
10
15
20
25
30
35
Forward Current [mA]
-40
-20
0
20
40
60
0
5
10
15
T
op[°C]
0,22
0,26
0,30
0,34
0,38
0,42
0,26
0,28
0,30
0,32
0,34
0,36
Cx
Class 1
Class 2
Class 3
0,0
0,2
0,4
0,6
0,8
1,0
350
400
450
500
550
600
650
700
750
800
850
Wavelength [nm]
0
30
60
90
120
150
180
0,0
0,5
1,0


Similar Part No. - OLS-210MW

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-210MW-X-T OSA-OLS-210MW-X-T Datasheet
145Kb / 5P
   Series 210 - side view white
More results

Similar Description - OLS-210MW

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
   devices are ROHS and REACH conform
OLS-170HSD OSA-OLS-170HSD Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
   devices are ROHS and REACH conform
OCU-400UC375 OSA-OCU-400UC375 Datasheet
292Kb / 8P
   devices are ROHS and REACH conform
OLS-170SB430 OSA-OLS-170SB430 Datasheet
245Kb / 7P
   devices are ROHS and REACH conform
OCU-400UB355 OSA-OCU-400UB355 Datasheet
278Kb / 8P
   devices are ROHS and REACH conform
OCU-400UE380 OSA-OCU-400UE380 Datasheet
268Kb / 8P
   devices are ROHS and REACH conform
OCU-400UE390 OSA-OCU-400UE390 Datasheet
271Kb / 8P
   devices are ROHS and REACH conform
OCU-440UE400 OSA-OCU-440UE400 Datasheet
257Kb / 8P
   devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com