Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-159SR Datasheet(PDF) 4 Page - OSA Opto Light GmbH

Part # OLS-159SR
Description  devices are ROHS and REACH conform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-159SR Datasheet(HTML) 4 Page - OSA Opto Light GmbH

  OLS-159SR Datasheet HTML 1Page - OSA Opto Light GmbH OLS-159SR Datasheet HTML 2Page - OSA Opto Light GmbH OLS-159SR Datasheet HTML 3Page - OSA Opto Light GmbH OLS-159SR Datasheet HTML 4Page - OSA Opto Light GmbH OLS-159SR Datasheet HTML 5Page - OSA Opto Light GmbH OLS-159SR Datasheet HTML 6Page - OSA Opto Light GmbH OLS-159SR Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Size 1206 – low current, duplex LED
OLS-159 SR/G
Copyright © 2017 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 9/17
Page/Seite 4/7
 Soldering Conditions
Lötprofile
IR reflow soldering
profile for lead
containing solder
IR Reflow
Lötprozess für
bleihaltiges Lot
IR reflow soldering
profile for lead free
soldering
IR Reflow
Lötprozess für
bleifreies Lot
Manual Soldering:
Manuelles Löten:
max power of iron 25W / 300°C for 3s
Max. Leistung des Lötkolben 25W / 300°C für 3s
4K/s max
300
250
200
150
100
50
0
50
100
150
200
250
300
Time [s]
10...20s
40s max.
230°C
170°C
120°C
3K/s max.
120s max
3K/s max
10...20s
60s max
4K/s max
245°C
217°C
250°C
180°C
300
250
200
150
100
50
0
50
100
150
200
250
300
Time [s]
3K/s max


Similar Part No. - OLS-159SR

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-159SR/G-C-T OSA-OLS-159SR/G-C-T Datasheet
131Kb / 5P
   Series 159 - 1206 - Bipolar bicolor low current
OLS-159SR/G-C-TD OSA-OLS-159SR/G-C-TD Datasheet
131Kb / 5P
   Series 159 - 1206 - Bipolar bicolor low current
OLS-159SR/G-CD-T OSA-OLS-159SR/G-CD-T Datasheet
131Kb / 5P
   Series 159 - 1206 - Bipolar bicolor low current
OLS-159SR/G-CD-TD OSA-OLS-159SR/G-CD-TD Datasheet
131Kb / 5P
   Series 159 - 1206 - Bipolar bicolor low current
OLS-159SR/G-X-T OSA-OLS-159SR/G-X-T Datasheet
131Kb / 5P
   Series 159 - 1206 - Bipolar bicolor low current
More results

Similar Description - OLS-159SR

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
   devices are ROHS and REACH conform
OLS-170HSD OSA-OLS-170HSD Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
   devices are ROHS and REACH conform
OLS-210MW OSA-OLS-210MW Datasheet
230Kb / 7P
   devices are ROHS and REACH conform
OCU-400UC375 OSA-OCU-400UC375 Datasheet
292Kb / 8P
   devices are ROHS and REACH conform
OLS-170SB430 OSA-OLS-170SB430 Datasheet
245Kb / 7P
   devices are ROHS and REACH conform
OCU-400UB355 OSA-OCU-400UB355 Datasheet
278Kb / 8P
   devices are ROHS and REACH conform
OCU-400UE380 OSA-OCU-400UE380 Datasheet
268Kb / 8P
   devices are ROHS and REACH conform
OCU-400UE390 OSA-OCU-400UE390 Datasheet
271Kb / 8P
   devices are ROHS and REACH conform
OCU-440UE400 OSA-OCU-440UE400 Datasheet
257Kb / 8P
   devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com