Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OIS-170IT940 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part No. OIS-170IT940
Description  devices are ROHS and REACH conform
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSA [OSA Opto Light GmbH]
Homepage  http://www.osa-opto.com
Logo 

OIS-170IT940 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Size 0805 - Infrared
OIS-170 IT940
Copyright © 2018 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 2/18
Page/Seite 1/7
Features:
package 0805
size: 1,9(L) x 1,2(W) x 1,2(H) mm
circuit substrate: glass laminated epoxy
devices are ROHS and REACH conform
lead free solderable, soldering pads: gold
plated
taped in 8 mm blister tape, cathode to
transporting perforation
all devices sorted into luminous intensity
classes
Merkmale:
Bauform 0805
Größe: 1,9 x 1,2 x 1,2 mm
Trägerstreifen: Glasfaserlaminat
Bauteile sind ROHS und REACH konform
Bleifrei lötbar, Lötpads: vergoldet
Gegurtet in 8mm Blistergurt, Kathode zur
Transportperforation
Alle Bauteile in Intensitätsklassen sortiert
 Typical Electro-Optical Characteristics
Typische Elektrooptische Eigenschaften
Measurement conditions
Messbedingungen
Tambient = 23 °C; ttest ≤ 60ms
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Emitting Color
Farbe
Infrared
Infrarot
Forward Voltage (2)
Flussspannung
Uf
If = 50 mA
1,38
1,80
V
Peak Wavelength (2)
Peak Wellenlänge
λP
If = 50 mA
935
940
955
nm
FWHM (1)
Halbwertsbreite
Δλ
If = 50 mA
30
nm
Radiant Intensity (2)
Strahlstärke
Ie
If = 50 mA
2,80
4,20
mW/sr
Reverse Current (2)
Sperrstrom
IR
UR = 5V
100
μA
(1)
Typical property, not 100% tested
(2)
100% measured in an automated test system with max 60 ms operation


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn