Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OIS-170IT940 Datasheet(PDF) 4 Page - OSA Opto Light GmbH

Part No. OIS-170IT940
Description  devices are ROHS and REACH conform
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSA [OSA Opto Light GmbH]
Homepage  http://www.osa-opto.com
Logo 

OIS-170IT940 Datasheet(HTML) 4 Page - OSA Opto Light GmbH

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Size 0805 - Infrared
OIS-170 IT940
Copyright © 2018 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 2/18
Page/Seite 4/7
 Soldering Conditions
Lötprofile
IR reflow soldering
profile for lead
containing solder
IR Reflow
Lötprozess für
bleihaltiges Lot
IR reflow soldering
profile for lead free
soldering
IR Reflow
Lötprozess für
bleifreies Lot
Manual Soldering:
Manuelles Löten:
max power of iron 25W / 300°C for 3s
Max. Leistung des Lötkolben 25W / 300°C für 3s
4K/s max
300
250
200
150
100
50
0
50
100
150
200
250
300
Time [s]
10...20s
40s max.
230°C
170°C
120°C
3K/s max.
120s max
3K/s max
10...20s
60s max
4K/s max
245°C
217°C
250°C
180°C
300
250
200
150
100
50
0
50
100
150
200
250
300
Time [s]
3K/s max


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn