Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OIS-170IT940 Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part No. OIS-170IT940
Description  devices are ROHS and REACH conform
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSA [OSA Opto Light GmbH]
Homepage  http://www.osa-opto.com
Logo 

OIS-170IT940 Datasheet(HTML) 3 Page - OSA Opto Light GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Size 0805 - Infrared
OIS-170 IT940
Copyright © 2018 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 2/18
Page/Seite 3/7
 Typical Performance Diagram
Typische Kennlinien
Forward Current vs. Forward Voltage
Flussstrom über Flussspannung
Intensity vs. Forward Current
Strahlstärke über Flussstrom
Max. Forward Current vs. Ambient Temperature
Max. Flussstrom über Umgebungstemperatur
Forward Current vs. Shift Peak Wavelength
Flussstrom gegen Verschiebung der Wellenlänge
Spectrum
Spektrum
View Angle
Abstrahlung
1
10
100
1
1,1
1,2
1,3
1,4
1,5
1,6
Forward Voltage [V]
0,00
0,50
1,00
1,50
2,00
0
2040
6080
100
Forward Current [mA]
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
T
op[°C]
940
941
942
943
944
945
946
947
948
0
20406080
100
Forward Current [mA]
0,0
0,2
0,4
0,6
0,8
1,0
750
800
850
900
950
1000
1050
1100
1150
Wavelength [nm]
0
30
60
90
120
150
180
0,0
0,5
1,0


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn