Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF372A Datasheet(PDF) 1 Page - TT Electronics.

Part # OPF372A
Description  Fiber Optic Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF372A Datasheet(HTML) 1 Page - TT Electronics.

  OPF372A Datasheet HTML 1Page - TT Electronics. OPF372A Datasheet HTML 2Page - TT Electronics. OPF372A Datasheet HTML 3Page - TT Electronics. OPF372A Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPF372 Family
© TT electronics plc
Issue C
08/2016
Page 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
sensors@ttelectronics.com | www.ttelectronics.com
Description:
The OPF372 family fiber optic transmitters are high performance devices packaged for data communication links. This
transmitter is an 850nm GaAlAs LED and is specifically designed to efficiently launch optical power into fibers ranging in size
from 50/125µm up to 200/300µm diameter fiber. Multiple power ranges with upper and lower limits are offered which
allows the designer to select a device best suited for the application.
This product’s combination of features including high speed and efficient coupled power makes it an ideal transmitter for
integration into all types of data communications equipment.
The mechanical design of this packaged is intended for PC Board or panel mounting. It is shipped with a lock washer, jam
nut, 2 #2-56 screws, and a protective dust cap.
Applications:
Industrial Ethernet equipment
Copper-to-fiber media conversion
Intra-system fiber optic links
Video surveillance systems
Features:
Low Cost 850 nm LED technology
Popular ST
style receptacle
Pre-tested with fiber to assure performance
Component pre-mounted and ready to use
35MHz operation
Typical Coupled Power
IF = 100mA, 25°C
Fiber Size
Type
N.A.
OPF372A
OPF372B
OPF372D
50/125 µm
Graded Index
0.20
29µW
19µW
7.5µW
62.5/125 µm
Graded Index
0.28
89µW
51µW
27µW
100/140 µm
Graded Index
0.29
200µW
129µW
60µW
200/300 µm
Step Index
0.41
750µW
606µW
320µW
RoHS
ESD Class 2
ST
is a registered trademark of AT&T.
All Optek OPF LED emitters are AEL Class I as defined
by IEC 60825-1 and are Risk Group 1 (Low-Risk) as de-
fined by IEC 62471.


Similar Part No. - OPF372A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs LED
More results

Similar Description - OPF372A

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com