Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80P300A110MD Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # HI80P300A110MD
Description  Thick Film Planar Dividers, High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80P300A110MD Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  HI80P300A110MD Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. HI80P300A110MD Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. HI80P300A110MD Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. HI80P300A110MD Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80P300A110MD Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80P300A110MD Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80P300A110MD Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/6
General Specifications
Composition Structure (HI83)
Membrane Material
(a)
Ruthenium Paste
Base Material (b)
95% Aluminum
Oxide, Al2O3
Encapsulating
Material (c)
High Temperature
Silicone Resin
Dimension Specifications (Unit: mm) (HI83)
Part
Number
Power
Rating (W)
Max. Working
Voltage (KV)
L ±0.5 mm W ±0.5 mm D ±0.5 mm
I ±1 mm
T ±0.5 mm t ±0.05 mm
HI83-04
1/4W
10
25
5
4
20
2
0.6
HI83-02
1/2W
15
35
5
5
20
2
0.6
HI83-10
1W
15
38
8
6
20
2
0.6
HI83-20
2W
20
45
10
6
20
2
0.6
HI83-30
3W
25
60
10
8
40
3.5
1
HI83-50
5W
30
80
20
10
40
3.5
1
Divider Dimension Specifications (Unit: mm) - (HI83)


Similar Part No. - HI80P300A110MD

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80P300A110MD TOKEN-HI80P300A110MD Datasheet
917Kb / 12P
   Ultra-Precision High-Power High-Voltage Resistors
More results

Similar Description - HI80P300A110MD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Vishay Siliconix
CDHV VISHAY-CDHV_15 Datasheet
101Kb / 4P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
   Thick Film Chip Dividers, High Voltage
Revision: 21-Apr-15
CDHV VISHAY-CDHV Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com