Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OIS-150-880 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OIS-150-880
Description  1206 ??IR, high intensity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OIS-150-880 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OIS-150-880 Datasheet HTML 1Page - OSA Opto Light GmbH OIS-150-880 Datasheet HTML 2Page - OSA Opto Light GmbH OIS-150-880 Datasheet HTML 3Page - OSA Opto Light GmbH OIS-150-880 Datasheet HTML 4Page - OSA Opto Light GmbH OIS-150-880 Datasheet HTML 5Page - OSA Opto Light GmbH OIS-150-880 Datasheet HTML 6Page - OSA Opto Light GmbH OIS-150-880 Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1206 – IR, high intensity
OIS-150 880
Copyright © 2017 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 9/17
Page/Seite 1/7
Features:
size 1206: 3,2(L) x 1,6(W) x 1,2(H) mm
circuit substrate: glass laminated epoxy
devices are ROHS and REACH conform
lead free solderable, soldering pads: gold
plated
taped in 8 mm blister tape, cathodes
positions to transporting perforation
all devices sorted into luminous intensity
classes
taping: face-up (T) or face-down (TD)
possible
Merkmale:
Größe: 3,2 x 1,6 x 1,2 mm
Trägerstreifen: Glasfaserlaminat
Bauteile sind ROHS und REACH konform
Bleifrei lötbar, Lötpads: vergoldet
Gegurtet in 8mm Blistergurt, Kathoden zur
Transportperforation
Alle Bauteile in Intensitätsklassen sortiert
Gurtung: Face-up (T) und Face-down (TD)
möglich
 Typical Electro-Optical Characteristics
Typische Elektrooptische Eigenschaften
Measurement conditions
Messbedingungen
Tambient = 23 °C; ttest ≤ 60ms
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Emitting Color
Farbe
infrared
infrarot
Forward Voltage (2)
Flussspannung
Uf
If = 50 mA
1,40
1,70
V
Peak Wavelength (2)
Peak Wellenlänge
λP
If = 50 mA
860
875
890
nm
FWHM (1)
Halbwertsbreite
Δλ
If = 50 mA
42
nm
Radiant Intensity (2)
Strahlstärke
Ie
If = 50 mA
1,20
2,50
mW/sr
Reverse Current (2)
Sperrstrom
IR
UR = 5V
100
μA
(1)
Typical property, not 100% tested
(2)
100% measured in an automated test system with max 60 ms operation


Similar Part No. - OIS-150-880

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-150-770 OSA-OIS-150-770 Datasheet
228Kb / 7P
   Size 1206 ??infrared
More results

Similar Description - OIS-150-880

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
OIS-250880 OSA-OIS-250880 Datasheet
119Kb / 5P
   Series 250 - 1206 lower height IR high intensity 870 nm
OIS-150660 OSA-OIS-150660 Datasheet
115Kb / 5P
   Series 150 - 1206 Standard IR high intensity 660-850 nm
OIS-150885 OSA-OIS-150885 Datasheet
116Kb / 5P
   Series 150 - 1206 Standard IR high intensity 885-950 nm
OIS-330880 OSA-OIS-330880 Datasheet
132Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 880 nm
OIS-250660 OSA-OIS-250660 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 660-850 nm
OIS-250885 OSA-OIS-250885 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 885-950 nm
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
OIS-345880 OSA-OIS-345880 Datasheet
126Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 IR high intensity 880 nm
OIS-330885 OSA-OIS-330885 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 885-950 nm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com