Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV549 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LV549
Description  High Power Class B Output Stage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LV549 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LV549 Datasheet HTML 1Page - List of Unclassifed Manufacturers LV549 Datasheet HTML 2Page - List of Unclassifed Manufacturers LV549 Datasheet HTML 3Page - List of Unclassifed Manufacturers LV549 Datasheet HTML 4Page - List of Unclassifed Manufacturers LV549 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LC549/LV549/LD549 DATA SHEET
High Power Class B
Output Stage
FEATURES
• 40dB of electrical gain
• 1.0 to 1.6 VDC supply operating range
• current trim capability (R
T
)
• high efficiency class B output stage
• may be used with a linear or compression preamplfier
STANDARD PACKAGING
• 8 pin MICROpac (LC549)
• 8 pin MINIpac
• 8 pin PLID® (LC549, LD549)
• Chip (47 x 40 mils) (LC549, LD549)
DESCRIPTION
The LC/LV/LD549 is an 8 pin, low voltage, push-pull audio
frequency output stage amplifier with a single unbalanced
input. The circuit utilizes two internal negative feedback
loops to stabilize the DC operating point for temperature
stability and to linearize the transfer function over a wide
dynamic range. The circuit operates near ideal class B
conditions resulting in low distortion and very low quiescent
current, required for extended battery life.
The LC549, LV549 and LD549 differ in only one respect;
the LV549 and LD549 are selected devices which are
capable of delivering from 10 mA to 41 mA and from 36 mA
to 75 mA of output current respectively. These values are
the maximum current drawn with both output stage transistors
in saturation. Thus the LD549 is capable of producing a
high output in a low impedance load, the LV549 is selected
to have lower peak currents, extending the life of the
battery.
U.S. Patent No. 4,085,382
Patented in other countries
BLOCK DIAGRAM
4
3
2
7
1
6
5
8
RT
VB
OUTPUT 1
OUTPUT 2
INPUT
DEC 1 DEC 2
GND
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302 Miyamae Village, 2-10-42 Miyamae, Suginami-ku Tokyo 168, Japan
tel. (03) 3334-7700
fax: (03) 3247-8839
Document No. 500 - 25 - 09
Revision Date: January 2001


Similar Part No. - LV549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LV540A TI-LV540A Datasheet
487Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
OSRAM GmbH
LV5433 OSRAM-LV5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
LV5433-AW OSRAM-LV5433-AW Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
LV5433-BW OSRAM-LV5433-BW Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
LV5433-T OSRAM-LV5433-T Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results

Similar Description - LV549

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS551 ETC1-GS551 Datasheet
96Kb / 4P
   High Power, Class B Output Stage
LC551 ETC1-LC551 Datasheet
66Kb / 3P
   High Power Class B Output Stage
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
   Class D/1-Bit Audio Power Output Stage
REV. 0
logo
List of Unclassifed Man...
LC552 ETC-LC552 Datasheet
131Kb / 3P
   High Power Class B Amplifier
logo
KEC(Korea Electronics)
KTD2061 KEC-KTD2061 Datasheet
266Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTB1469 KEC-KTB1469 Datasheet
259Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTD2161 KEC-KTD2161 Datasheet
264Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTB1369 KEC-KTB1369 Datasheet
261Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com