Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80P300B110MK Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # HI80P300B110MK
Description  Ultra-Precision High-Power High-Voltage Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80P300B110MK Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  HI80P300B110MK Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. HI80P300B110MK Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 4/11
HI80T Spec.
Conventional High Voltage Resistor Construction (HI80D)
Membrane
Material (a)
Ruthenium Paste
Base Material (b)
95% Aluminum
Oxide, Al2O3
Encapsulating
Material (c)
High Temperature
Silicone Resin
Ultra-Precision High Voltage Resistor Specifications (HI80T)
Part Number
Rated power
(W)
Max.
continuous
Oper. Volt
(KV)
Resistance
range (Ω)
L ±0.5mm
E ±3mm
D ±0.5mm
d ±0.1mm
HI80T-20
0.8
3
1 ~ 500M
20
30
8
1
HI80T-26
1.0
4
1 ~ 500M
27
30
8
1
HI80T-32
1.2
5
1 ~ 500M
33
30
8
1
HI80T-39
1.5
6
1 ~ 500M
39
30
8
1
HI80T-52
2
10
1 ~ 500M
52
30
8
1
HI80T-78
3
15
1 ~ 500M
78
30
8
1
HI80T-103
4
20
1 ~ 500M
103
30
8
1
HI80T-124
5
25
1 ~ 500M
124
30
8
1
HI80T-154
6
30
1 ~ 500M
154
30
8
1
Ultra-Precision High Voltage Resistor Unpainted Dimensions (Unit: mm) - (HI80T)


Similar Part No. - HI80P300B110MK

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80P300B110MK TOKEN-HI80P300B110MK Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
More results

Similar Description - HI80P300B110MK

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI82 TOKEN-HI82 Datasheet
920Kb / 11P
   Ultra-Precision High Voltage Film Resistors
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
Caddock Electronics, In...
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com