Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80P20B110KK Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # HI80P20B110KK
Description  Ultra-Precision High-Power High-Voltage Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80P20B110KK Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button HI80P20B110KK Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. HI80P20B110KK Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 6/11
Environmental Characteristics
Technical Characteristics - (HI80)
Part
Number
Resistance
range (Ω)
Tolerance (%)
TCR @25℃ (-55℃ ~ +105℃)
Insulation
withstand
voltage
Insulation
resistance
Operating
temp.
range
HI80D
200 ~ 10G ±1% ~ ±10%
±100ppm/℃, (±50ppm/℃ on request)
1000VDC
≥ 10GΩ
-55℃ ~
+225℃
HI80DS
200 ~ 10G ±5% ~ ±10%
±100ppm/℃, (±50ppm/℃ on request)
HI80T
1 ~ 500M
±0.1% ~ ±1%
±25ppm/℃, (±15ppm/℃ on request)
HI80P
1 ~ 1G
±0.5% ~ ±10%
±50ppm/℃, (±25ppm/℃ on request)
Environmental Characteristics - (HI80)
Inspection item
Inspection method
Performance requirement
Overload
5 times the rated power, but not more than 1.5 times
the maximum continuous operating voltage, 5
seconds
ΔR ≤ ±(0.2%R + 0.01Ω)
Load life
1000 hours under rated power
ΔR ≤ ±(0.5%R + 0.01Ω)
Steady-state damp heat
40℃, RH ≥ 95%, 240h
ΔR ≤ ±(0.4%R + 0.01Ω)
Temperature shock
-65℃ ~ 155℃, 5 cycle
ΔR ≤ ±(0.2%R + 0.01Ω)


Similar Part No. - HI80P20B110KK

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80P20B110KK TOKEN-HI80P20B110KK Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
More results

Similar Description - HI80P20B110KK

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI82 TOKEN-HI82 Datasheet
920Kb / 11P
   Ultra-Precision High Voltage Film Resistors
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
Caddock Electronics, In...
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com