Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAT-3175A-SN+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # DAT-3175A-SN+
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DAT-3175A-SN+ Datasheet(HTML) 3 Page - Mini-Circuits

  DAT-3175A-SN+ Datasheet HTML 1Page - Mini-Circuits DAT-3175A-SN+ Datasheet HTML 2Page - Mini-Circuits DAT-3175A-SN+ Datasheet HTML 3Page - Mini-Circuits DAT-3175A-SN+ Datasheet HTML 4Page - Mini-Circuits DAT-3175A-SN+ Datasheet HTML 5Page - Mini-Circuits DAT-3175A-SN+ Datasheet HTML 6Page - Mini-Circuits DAT-3175A-SN+ Datasheet HTML 7Page - Mini-Circuits DAT-3175A-SN+ Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital Step Attenuator
DAT-3175A-SN+
Page 3 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Electrical Specifications, 1-2500 MHz, TAMB=25°C, VDD=+3V, VSS=-3.2V, 75Ω
Parameter
Freq. Range
(GHz)
Min.
Typ.
Max.
Units
Accuracy @
1 dB Attenuation Setting
0.001-1.2
0.03
0.18
dB
1.2-2.0
0.1
0.20
2.0-2.5
0.1
0.23
Accuracy @
2 dB Attenuation Setting
0.001-1.2
0.07
0.21
dB
1.2-2.0
0.15
0.26
2.0-2.5
0.15
0.31
Accuracy @
4 dB Attenuation Setting
0.001-1.2
0.05
0.27
dB
1.2-2.0
0.15
0.36
2.0-2.5
0.2
0.47
Accuracy @
8 dB Attenuation Setting
0.001-1.2
0.1
0.39
dB
1.2-2.0
0.24
0.60
2.0-2.5
0.35
0.79
Accuracy @
16 dB Attenuation Setting
0.001-1.2
0.23
0.63
dB
1.2-2.5
0.8
1.0
2.0-2.5
0.8
1.43
Insertion Loss1 @ all attenuator set to 0dB
0.001-1.2
1.2
1.8
dB
1.2-2.5
1.6
1.9
VSWR
0.001-1.2
1.3
:1
1.2-2.5
1.4
Input IP3 (at Min. and Max. Attenuation)
.005-2.5
55-69
dBm
Input IP2
.005-2.5
See Fig. 1
dBm
Input Power @ 0.1dB Compression
(at Min. and Max. Attenuation)
0.030-2.5
+30
dBm
Input Operating Power
1 MHz to 30 MHz
See Fig. 2
dBm
>30 MHz
+24
Thermal Resistance (Junction to case)
25
°C/W
1. I. Loss values are de-embedded from test board Loss (test board’s Insertion Loss:
0.10dB @100MHz, 0.40dB @1200MHz, 0.55dB @2000MHz, 0.75dB @4000MHz).
2. For operation above +3.6V see application note, AN-70-032
3. 0V during power-up.
Switching Specifications
Parameter
Min.
Typ.
Max.
Units
Switching Speed, 50% Control to
0.5dB of Attenuation Value
0.4
0.7
µSec
Switching Control Frequency
1.0
MHz
DC Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
Vdd, Supply Voltage
2.7
3
3.62
V
Idd Supply Current
80
µA
Control Input Low
-0.3
0.63
V
Vss, Supply Voltage
-3.6
-3.2
V
Iss, Supply Current
-40
µA
Control Input High
1.17
3.6
V
Control Current
20
µA
0
20
40
60
80
100
120
5
50
500
5000
Frequency (MHz)
0 dB
31.5 dB
Figure 1. IP2 vs. frequency and attenuation
4. Permanent damage may occur if any of these limits are exceeded.
5. Operation between max operating and absolute max input power will result in reduced reliability.
Absolute Maximum Ratings4
Parameter
Ratings
Operating Temperature
-40°C to 105°C
Storage Temperature
-65°C to 150°C
Vdd
-0.3V Min., 5.5V Max.
Vss
-3.8V Min.
Voltage on any input
-0.3V Min., 3.6V Max.
Input Power
1-30 MHz
Figure 2
30-2500MHz
+30dBm


Similar Part No. - DAT-3175A-SN+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-3175A-SP MINI-DAT-3175A-SP Datasheet
465Kb / 8P
   Digital Step Attenuator
DAT-3175A-SP++ MINI-DAT-3175A-SP+ Datasheet
465Kb / 8P
   Digital Step Attenuator
More results

Similar Description - DAT-3175A-SN+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com