Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAT-31R5A-PN+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # DAT-31R5A-PN+
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DAT-31R5A-PN+ Datasheet(HTML) 3 Page - Mini-Circuits

  DAT-31R5A-PN+ Datasheet HTML 1Page - Mini-Circuits DAT-31R5A-PN+ Datasheet HTML 2Page - Mini-Circuits DAT-31R5A-PN+ Datasheet HTML 3Page - Mini-Circuits DAT-31R5A-PN+ Datasheet HTML 4Page - Mini-Circuits DAT-31R5A-PN+ Datasheet HTML 5Page - Mini-Circuits DAT-31R5A-PN+ Datasheet HTML 6Page - Mini-Circuits DAT-31R5A-PN+ Datasheet HTML 7Page - Mini-Circuits DAT-31R5A-PN+ Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital Step Attenuator
DAT-31R5A-PN+
Page 3 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Parameter
Freq. Range
(GHz)
Min.
Typ.
Max.
Units
Accuracy @
0.5 dB Attenuation Setting
DC-1
0.03
0.1
dB
1-2.4
0.05
0.15
2.4-4
0.07
0.2
Accuracy @
1 dB Attenuation Setting
DC-1
0.02
0.1
dB
1-2.4
0.05
0.15
2.4-4
0.1
0.25
Accuracy @
2 dB Attenuation Setting
DC-1
0.05
0.15
dB
1-2.4
0.15
0.25
2.4-4
0.15
0.35
Accuracy @
4 dB Attenuation Setting
DC-1
0.07
0.2
dB
1-2.4
0.15
0.25
2.4-4
0.23
0.5
Accuracy @
8 dB Attenuation Setting
DC-1
0.03
0.2
dB
1-2.4
0.15
0.5
2.4-4
0.6
0.8
Accuracy @
16 dB Attenuation Setting
DC-1
0.1
0.3
dB
1-2.4
0.15
0.7
2.4-4
1.1
1.45
Insertion Loss (note 2) @ all attenuator set to 0dB
DC-1
1.3
1.9
dB
1-2.4
1.6
2.4
2.4-4
2.1
3.0
Input IP3 (note 3) (at Min. and Max. Attenuation)
DC-4
+52
dBm
Input Power @ 0.2dB Compression (note 3)
(at Min. and Max. Attenuation)
DC-4
+24
dBm
Input Operating Power
10 kHz to 50 MHz
See Fig. 1
dBm
>50 MHz
+24
VSWR
DC-1
1.2
1.5
:1
1-2.4
1.2
1.6
2.4-4
1.4
1.9
RF Electrical Specifications (Note 1), DC-4000 MHz, TAMB=25°C, VDD=+3V, VSS=-3.2V
DC Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
Vdd, Supply Voltage
2.7
3
3.6(Note 4)
V
Vss, Supply Voltage
-3.6
-3.3
-3.2
V
Idd Supply Current
100
µA
Iss Supply Current
16
40
µA
Control Input Low
-0.3
+0.6
V
Control Input High
1.17
3.6
V
Control Current
20(Note 5)
µA
Notes:
1. Tested on Evaluation Board TB-340, See Figure 3.
2. Insertion loss values are de-embedded from test board Loss (test board’s Insertion Loss: 0.10dB @100MHz, 0.35dB @1000MHz, 0.60dB @2400MHz, 0.75dB @4000MHz).
3. Input IP3 and 1dB compression degrades below 1 MHz. Input power not to exceed max operating specification for continuous operation.
Switching Specifications
Parameter
Min.
Typ.
Max.
Units
Switching Speed, 50% Control to
0.5dB of Attenuation Value
1.0
µSec
Switching Control Frequency
1.0
mHz
6. Permanent damage may occur if any of these limits are exceeded.
7. Operation between max operating and absolute max input power will result in reduced reliability.
Absolute Maximum Ratings(Note 6,7)
Parameter
Ratings
Operating Temperature
-40°C to 105°C
Storage Temperature
-65°C to 150°C
Vdd
-0.3V Min., 5.5V Max.
Vss
-3.5V Min., 0.3V Max.
Voltage on any control input
-0.3V Min., 3.6V Max.
Input Power
+30dBm
Thermal Resistance
37°C/W
4. For operation above +3.6V, see Application Note AN-70-006
5. Except, 30µA typ for C0.5, C16, PUP1 at +3.6V
Figure 1. Max Input Operating Power vs Frequency


Similar Part No. - DAT-31R5A-PN+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-31R5A-PP MINI-DAT-31R5A-PP Datasheet
523Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PP++ MINI-DAT-31R5A-PP+ Datasheet
523Kb / 8P
   Digital Step Attenuator
More results

Similar Description - DAT-31R5A-PN+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com