Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAT-31A-SN Datasheet(PDF) 7 Page - Mini-Circuits

Part # DAT-31A-SN
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DAT-31A-SN Datasheet(HTML) 7 Page - Mini-Circuits

  DAT-31A-SN Datasheet HTML 1Page - Mini-Circuits DAT-31A-SN Datasheet HTML 2Page - Mini-Circuits DAT-31A-SN Datasheet HTML 3Page - Mini-Circuits DAT-31A-SN Datasheet HTML 4Page - Mini-Circuits DAT-31A-SN Datasheet HTML 5Page - Mini-Circuits DAT-31A-SN Datasheet HTML 6Page - Mini-Circuits DAT-31A-SN Datasheet HTML 7Page - Mini-Circuits DAT-31A-SN Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digital Step Attenuator
DAT-31A-SN+
Page 7 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Bill of Materials
N1-N6, N11, N12,
N15 & N18
Resistor 0603 10 KOhm +/- 1%
N26
Resistor 0603 0 Ohm
N10, N16, N17, N20
& N23
NPO Capacitor 0603 100pF +/- 5%
N21 & N22
Tantalum Capacitor 0805 100nF +/- 10%
N19
Hex Invert Schmitt Trigger MSL1
TB-342
Notes
1. Both RF ports must be held at 0VDC or DC blocked with an external series capacitor.
2. Test Board TB-342 is designed for operation for VDD=2.3 to 3.6V. For operation over 3.6V to 5.2V, See Application Note AN-70-006
3. VDD=Vdd
Fig 3. Evaluation Board Schematic, TB-342, used for characterization (DUT not soldered on TB-342)
Test Equipment
For Insertion Loss, Isolation and Return Loss:
Agilent’s E5071C Network Analyzer & E3631A Power Supply.
For Compression:
Agilent’s N9020A Signal Analyzer, E8247C RF Generator,
E3631A Power Supply & U2004A Power Sensor.
For Input IP3:
Agilent’s N9020A Signal Analyzer, N5181A
Signal Generators, E3631A Power Supply, U2004A Power Sensor.
For Spurs:
Agilent N5181A Signal Generator, E4440A Spectrum Analyzer.
For Switching Time:
Agilent’s N5181A Signal Generator, 81110A Pulse Generator,
54832B Oscilloscope, E3631A Power Supply.
For Max Control Frequency:
Agilent’s N5181A Signal Generator, N9020A Signal Analyzer,
E3631A Power Supply, 81110A Pulse Generator.
Measurement Conditions
For Insertion Loss, Isolation and Return Loss:
VDD=+2.7/+3/+5.5V &Pin=0dBm
VSS=-3.2/-3.6V
For Compression: Pin=0/+24dBm. VDD=+3V, VSS=-3V
For Input IP3: Pin=+10dBm/tone.
Tone spacing: 0.1 MHz to 1 MHz RF Freq and 1 MHz to 4200 MHz RF Freq,
VDD=+3V, VSS=-3V
For Spurs: RF IN at 1000MHz and -20dBm. VDD=+3V
For Switching Time:
RF Freq=501MHz/0dBm, Pulse for LE=1Hz/0/+3.4V, Delay=500ms,
Width=500ms. VDD=+3V & VSS=-3V
For Max Control Frequency:
RF Freq=501MHz, 0dBm. VDD=+3V, VSS=-3V


Similar Part No. - DAT-31A-SN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-31A-SP MINI-DAT-31A-SP Datasheet
541Kb / 8P
   Digital Step Attenuator
DAT-31A-SP++ MINI-DAT-31A-SP+ Datasheet
541Kb / 8P
   Digital Step Attenuator
More results

Similar Description - DAT-31A-SN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com