Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAT-15R5A-SP Datasheet(PDF) 2 Page - Mini-Circuits

Part No. DAT-15R5A-SP
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

DAT-15R5A-SP Datasheet(HTML) 2 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Features
• Immune to latch up
• Excellent accuracy, 0.1 dB Typ
• Serial control interface
• Low Insertion Loss
• High IP3, +52 dBm Typ
• Very low DC power consumption
• Excellent return loss, 20 dB Typ
• Small size 4.0 x 4.0 mm
Typical Applications
• Base Station Infrastructure
• Portable Wireless
• CATV & DBS
• MMDS & Wireless LAN
• Wireless Local Loop
• UNII & Hiper LAN
• Power amplifier distortion canceling loops
General Description
The DAT-15R5A-SP+ is a 50Ω digital step attenuator that provides adjustable attenuation of 0 to 15.5 dB in
0.5 dB steps. The control is a 5-bit serial interface, operating with a single (positive) supply voltage. DAT-
15R5A-SP+ is produced by a unique CMOS process on silicon, offering the performance of GaAs with the
advantages of conventional CMOS devices.
Digital Step Attenuator
15.5 dB, 0.5 dB Step
5 Bit, Serial control interface, Single Supply Voltage
50Ω DC-4000 MHz
Simplified Schematic
DAT-15R5A-SP+
CASE STYLE: DG983-2
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Digital Serial Control
RF Input
8dB
4dB
2dB
1dB
0.5dB
RF Out
REV. C
M164761
DAT-15R5A-SP+
RS/TH/CP
150707


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn