Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAT-15R5A-SP Datasheet(PDF) 1 Page - Mini-Circuits

Part No. DAT-15R5A-SP
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

DAT-15R5A-SP Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Digital Step Attenuator
CASE STYLE: DG983-2
The Big Deal
• Wideband, operates up to 4 GHz
• Immune to latchup
• High IP3, 52 dBm
Product Overview
The DAT-15R5A+ series of 50Ω digital step attenuators provides adjustable attenuation from 0 to 15.5 dB
in 0.5 dB steps. The control is a 5-bit serial/parallel interface, and the attenuators operate with either single
positive or dual (positive and negative) supply voltage. DAT-15R5A+ series models are produced by a
unique CMOS process on silicon, offering the performance of GaAs with the advantages of conventional
CMOS devices.
Feature
Advantages
Wideband operation, specified from DC
to 4.0 GHz
Can be used in multiple applications such as communications, satellite and defense,
reducing part count.
Serial or parallel interface
Models available with serial or parallel interface mode to suit customer demand.
Good VSWR, 1.2:1 typ.
Eases interfacing with adjacent components and results in low amplitude ripple.
Single positive supply models:
(Model suffixes: -SP+ and –PP+)
+2.3 to +3.6V
Use of single positive supply simplifies power supply design. An internal negative voltage
generator supplies the desired negative voltage. Single positive supply results in excellent
spurious performance, -140 dBm typical.
Dual supply models:
(Model suffixes: -SN+ and –PN+)
+2.7 to +3.6V (Positive) and
-3.6 to -3.2V (Negative)
Dual supply provides spurious-free operation. It also allows fast switching up to 1 MHz (vs.
25 kHz for single supply).
Useable over a wide range of supply
voltages, +2.3/2.7 to 5.2V
Wide range fo positive operating voltages allows the DAT-15R5A+ Series of models to be
used in a wide range of applications. See Application Note AN-70-006 for operation above
+3.6V
Footprint compatible to DAT-15R5-XX+
Series (XX=SN/SP/PN/PP)
Can fit into existing footprint and provide improved performance.
DAT-15R5A+ Series
Key Features
50Ω 0 to 15.5 dB, 0.5 dB Step DC to 4.0 GHz
Surface Mount


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn