Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAT-15R5A-PP+ Datasheet(PDF) 8 Page - Mini-Circuits

Part # DAT-15R5A-PP+
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DAT-15R5A-PP+ Datasheet(HTML) 8 Page - Mini-Circuits

  DAT-15R5A-PP+ Datasheet HTML 1Page - Mini-Circuits DAT-15R5A-PP+ Datasheet HTML 2Page - Mini-Circuits DAT-15R5A-PP+ Datasheet HTML 3Page - Mini-Circuits DAT-15R5A-PP+ Datasheet HTML 4Page - Mini-Circuits DAT-15R5A-PP+ Datasheet HTML 5Page - Mini-Circuits DAT-15R5A-PP+ Datasheet HTML 6Page - Mini-Circuits DAT-15R5A-PP+ Datasheet HTML 7Page - Mini-Circuits DAT-15R5A-PP+ Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Digital Step Attenuator
DAT-15R5A-PP+
Page 8 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ESD Rating
Human Body Model (HBM): Class 1C (1000 to <2000V) in accordance with MIL-STD-883 method 3015
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020D
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set (.zip file)
Case Style
DG983-2 Plastic package, exposed paddle, lead finish: NiPdAu
Tape & Reel
F87
Standard quantities available on reel
7” reels with 20, 50, 100 or 200 devices
13” reels with 3K devices
Suggested Layout for PCB Design
PL-197
Evaluation Board
TB-339
Environmental Ratings
ENV33T1
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here
MSL Test Flow Chart
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
Finish


Similar Part No. - DAT-15R5A-PP+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15R5A-PN MINI-DAT-15R5A-PN Datasheet
540Kb / 8P
   Digital Step Attenuator
DAT-15R5A-PN++ MINI-DAT-15R5A-PN+ Datasheet
540Kb / 8P
   Digital Step Attenuator
More results

Similar Description - DAT-15R5A-PP+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com