Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAT-15R5A-PN Datasheet(PDF) 7 Page - Mini-Circuits

Part No. DAT-15R5A-PN
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

DAT-15R5A-PN Datasheet(HTML) 7 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digital Step Attenuator
DAT-15R5A-PN+
Page 7 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Bill of Materials (TB-340)
N5, N7, N9, N11,
N13, N15,
N21 & N25
Resistor 0603 10 KOhm +/- 1%
N28 & N29
Resistor 0603 475 Ohm +/- 1%
N37 - N39
Resistor 0603 0 Ohm
N17
Resistor 0402 10 KOhm +/- 1%
N6, N8, N10, N12,
N14, N16,
N24, N26, N31
& N33
NPO Capacitor 0603 100pF +/- 5%
N27, N32 & N34
Tantalum Capacitor 0805 100nF +/- 10%
N3 & N4*
Hex Invert Trigger MSL1
N23*
Dual Schmitt Trigger Buffer SC-70 MSL1
TB-340
Notes
1. Both RF ports must be held at 0VDC or DC blocked with an external series capacitor.
2. Test Board TB-340 is designed for operation for VDD=2.3 to 3.6V. For operation over 3.6V to 5.2V, See Application Note AN-70-006
3. VDD=Vdd
Fig 3. Evaluation Board Schematic, TB-340, used for characterization (DUT not soldered on TB-340)
Test Equipment
For Insertion Loss, Isolation and Return Loss:
Agilent’s E5071C Network Analyzer & E3631A Power Supply.
For Compression:
Agilent’s N9020A Signal Analyzer, E8247C RF Generator,
E3631A Power Supply & U2004A Power Sensor.
For Input IP3:
Agilent’s N9020A Signal Analyzer, N5181A
Signal Generators, E3631A Power Supply, U2004A Power Sensor.
For Spurs:
Agilent N5181A Signal Generator, E4440A Spectrum Analyzer.
For Switching Time:
Agilent’s N5181A Signal Generator, 81110A Pulse Generator,
54832B Oscilloscope, E3631A Power Supply.
For Max Control Frequency:
Agilent’s N5181A Signal Generator, N9020A Signal Analyzer,
E3631A Power Supply, 81110A Pulse Generator.
Measurement Conditions
For Insertion Loss, Isolation and Return Loss:
VDD=+2.7/+3/+5.5V &Pin=0dBm
VSS=-3.2/-3.6V
For Compression: Pin=0/+24dBm. VDD=+3V, VSS=-3V
For Input IP3: Pin=+10dBm/tone.
Tone spacing: 0.1 MHz to 1 MHz RF Freq and 1 MHz to 4200 MHz RF Freq,
VDD=+3V, VSS=-3V
For Spurs: RF IN at 1000MHz and -20dBm. VDD=+3V
For Switching Time:
RF Freq=501MHz/0dBm, Pulse for LE=1Hz/0/+3.4V, Delay=500ms,
Width=500ms. VDD=+3V & VSS=-3V
For Max Control Frequency:
RF Freq=501MHz, 0dBm. VDD=+3V, VSS=-3V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn