Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAT-15R5A-PN Datasheet(PDF) 4 Page - Mini-Circuits

Part No. DAT-15R5A-PN
Description  Digital Step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

DAT-15R5A-PN Datasheet(HTML) 4 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Digital Step Attenuator
DAT-15R5A-PN+
Page 4 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Pin Description
Pin Configuration (Top View)
Function
Pin
Number
Description
N/C
1
Not connected (Note 4)
RF in
2
RF in port (Note 1)
N/C
3
Not connected (Note 4)
GND
4
Ground connection
LE
5
Latch Enable Input (Note 2)
VDD
6
Positive Supply Voltage
N/C
7
Not connected
PUP2
8
Power-up selection
VDD
9
Positive Supply Voltage
GND
10
Ground connection
GND
11
Ground connection
VSS
12
Negative Supply Voltage
GND
13
Ground connection
RF out
14
RF out port (Note 1)
C8
15
Control for attenuation bit, 8 dB
C4
16
Control for attenuation bit, 4 dB
C2
17
Control for attenuation bit, 2 dB
GND
18
Ground Connection
C1
19
Control for attenuation bit, 1 dB
C0.5
20
Control for attenuation bit, 0.5 dB (Note 6)
GND
Paddle
Paddle ground (Note 5)
Notes:
1. Both RF ports must be held at 0VDC or DC blocked with an external series capacitor.
2. Latch Enable (LE) has an internal 2MΩ to internal positive supply voltage.
3. N/A
4. Place a shunt 10KΩ resistor to GND
5. The exposed solder pad on the bottom of the package (See Pin configuration) must be
grounded for proper device operation.
6. This pin has an internal 200 k
Ω resistor to ground.
2x2mm
Paddle
ground
1
2
3
4
5
13
11
12
14
15
GND
GND
VSS
RFout
C8
N/C
LE
GND
RFin
N/C
Device Marking
MCL
Pin 1
Index
DS50


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn