Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP292D Datasheet(PDF) 6 Page - TT Electronics.

Part # OP292D
Description  Plastic Infrared Emitting Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP292D Datasheet(HTML) 6 Page - TT Electronics.

  OP292D Datasheet HTML 1Page - TT Electronics. OP292D Datasheet HTML 2Page - TT Electronics. OP292D Datasheet HTML 3Page - TT Electronics. OP292D Datasheet HTML 4Page - TT Electronics. OP292D Datasheet HTML 5Page - TT Electronics. OP292D Datasheet HTML 6Page - TT Electronics. OP292D Datasheet HTML 7Page - TT Electronics. OP292D Datasheet HTML 8Page - TT Electronics. OP292D Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP290 Series
Issue D
07/2016
Page 6
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
(3)
OP290, OP295
OP291, OP296
OP292, OP297, OP297FAB
OP293, OP298 (A, B, C)
OP298 (AA, AD)
OP294, OP299
-
-
-
-
-
-
-
-
-
-
-
-
4.00
2.00
1.75
2.00
2.00
1.50
V
IF = 1.50 A
IF = 100 mA
IF = 20 mA
IF = 1.50 A
IF = 100 mA
IF = 5 mA
IR
Reverse Current
(3)
OP290, OP292
OP291, OP293, OP298 (A, B, C), OP296
OP298 (AA, AD)
OP294, OP299
OP295, OP297
OP297FAB
-
-
-
-
-
-
-
-
-
-
-
-
10
100
100
10
10
15
µA
VR= 5 V
VR= 2 V
VR= 2 V
VR= 2 V
VR= 5 V
VR= 5 V
λP
Wavelength at Peak Emission
OP290, OP291, OP292, OP293, OP294,
OP295, OP296, OP297, OP298 (A, B, C),
OP299
OP297FAB, OP298 (AA, AD)
-
-
890
875
-
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
80
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
-
+0.18
-
nm/°C
IF = Constant
θHP
Emission Angle at Half Power Points
OP290, OP291, OP292, OP294
OP293
OP295, OP296, OP297, OP299
OP298
-
-
-
-
50
60
20
25
-
-
-
-
Degree
IF = 20 mA
tr
Output Rise Time
-
500
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
-
250
-
ns
Electrical Specifications


Similar Part No. - OP292D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP292 AD-OP292 Datasheet
686Kb / 20P
   DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
REV. 0
OP292 AD-OP292 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
OPTEK Technologies
OP292A OPTEK-OP292A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP292A OPTEK-OP292A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP292D

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com