Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2,5RFL29 Datasheet(PDF) 4 Page - Lumberg

Part # 2,5RFL29
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,5RFL29 Datasheet(HTML) 4 Page - Lumberg

  2,5RFL29 Datasheet HTML 1Page - Lumberg 2,5RFL29 Datasheet HTML 2Page - Lumberg 2,5RFL29 Datasheet HTML 3Page - Lumberg 2,5RFL29 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
51
2,5 RFL
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,5 RFL 39
39
200
5000
2,5 RFL 40
40
200
5000
2,5 RFL 41
41
200
5000
2,5 RFL 42
42
200
5000
2,5 RFL 43
43
200
5000
2,5 RFL 44
44
200
5000
2,5 RFL 45
45
200
5000
2,5 RFL 46
46
200
5000
2,5 RFL 47
47
200
5000
2,5 RFL 48
48
200
5000
2,5 RFL 49
49
200
5000
2,5 RFL 50
50
200
5000
2,5 RFL 51
51
200
5000
2,5 RFL 52
52
200
5000
2,5 RFL 53
53
200
5000
2,5 RFL 54
54
200
5000
2,5 RFL 55
55
200
5000
2,5 RFL 56
56
200
5000
2,5 RFL 57
57
200
5000
2,5 RFL 58
58
200
5000
2,5 RFL 59
59
200
5000
2,5 RFL 60
60
200
5000
Packaging:
in bulk, in a cardboard box
of 4


Similar Part No. - 2,5RFL29

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,5RFL LUMBERG-2,5RFL Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - 2,5RFL29

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com