Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP133W Datasheet(PDF) 3 Page - TT Electronics.

Part # OP133W
Description  Hermetic Infrared Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP133W Datasheet(HTML) 3 Page - TT Electronics.

  OP133W Datasheet HTML 1Page - TT Electronics. OP133W Datasheet HTML 2Page - TT Electronics. OP133W Datasheet HTML 3Page - TT Electronics. OP133W Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP130 Series
Issue C
08/2016
Page 3
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-65
o C to +150o C
Operating Temperature Range
-65
o C to +125o C
Reverse Voltage
2.0 V
Continuous Forward Current
100 mA
Peak Forward Current (2 us pulse width, 0.1% duty cycle)
10.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
(1)(2)
Power Dissipation
200 mW
(3)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
PO
Radiant Power Output
OP130, OP130W
OP131
OP132, OP132W
OP133, OP133W
1.0
3.0
4.0
5.0
-
-
-
-
-
-
-
-
mW
IF = 100 mA
(3 )
VF
Forward Voltage
-
-
1.75
V
IF = 100 mA
(3)
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
935
-
nm
IF = 10 mA
β
Spectral Bandwidth between Half Power
Points
-
50
-
nm
IF = 10 mA
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
2. Derate linearly 2.0 mW/° C above 25° C.
3. Measurement made with 100 µs pulse measured at the trailing edge of the pulse with a duty cycle of 0.1% and an IF = 100 mA.
Electrical Characteristics (TA = 25° C unless otherwise noted—for reference only)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
∆λP /∆T
Spectral Shift with Temperature
-
+0.30
-
nm/°C
IF = Constant
θHP
Emission Angle at Half Power Points
OP130 series
OP130W series
-
-
18
50
-
-
Degree
I
F = 100 mA
tr
Output Rise Time
-
1000
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
-
500
-
ns


Similar Part No. - OP133W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP133W OPTEK-OP133W Datasheet
195Kb / 1P
   GaAs Hermetic Infrared Emitting Diodes
OP133W OPTEK-OP133W Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP133W OPTEK-OP133W Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
More results

Similar Description - OP133W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com