Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2,5U13 Datasheet(PDF) 3 Page - Lumberg

Part # 2,5U13
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,5U13 Datasheet(HTML) 3 Page - Lumberg

  2,5U13 Datasheet HTML 1Page - Lumberg 2,5U13 Datasheet HTML 2Page - Lumberg 2,5U13 Datasheet HTML 3Page - Lumberg 2,5U13 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
51 2,5 U
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,5 U 03
3
200
2000
2,5 U 04
4
200
2000
2,5 U 05
5
200
2000
2,5 U 06
6
200
2000
2,5 U 07
7
200
2000
2,5 U 08
8
200
2000
2,5 U 09
9
200
2000
2,5 U 10
10
200
2000
2,5 U 11
11
200
2000
2,5 U 12
12
200
2000
2,5 U 13
13
200
2000
2,5 U 14
14
200
2000
2,5 U 15
15
200
2000
2,5 U 16
16
200
2000
2,5 U 17
17
200
2000
2,5 U 18
18
200
2000
2,5 U 19
19
200
2000
2,5 U 20
20
200
2000
2,5 U 21
21
200
2000
2,5 U 22
22
200
2000
2,5 U 23
23
200
2000
2,5 U 24
24
200
2000
2,5 U 25
25
200
2000
2,5 U 26
26
200
2000
2,5 U 27
27
200
2000
2,5 U 28
28
200
2000
2,5 U 29
29
200
2000
2,5 U 30
30
200
2000
2,5 U 31
31
200
2000
2,5 U 32
32
200
2000
2,5 U 33
33
200
2000
2,5 U 34
34
200
2000
2,5 U 35
35
200
2000
2,5 U 36
36
200
2000
2,5 U 37
37
200
2000
2,5 U 38
38
200
2000
of 4


Similar Part No. - 2,5U13

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,5U LUMBERG-2,5U Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,5UF LUMBERG-2,5UF Datasheet
427Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,5UF LUMBERG-2,5UF Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,5UF03 LUMBERG-2,5UF03 Datasheet
427Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,5UF04 LUMBERG-2,5UF04 Datasheet
427Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - 2,5U13

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com