Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2,5MSFQ19 Datasheet(PDF) 2 Page - Lumberg

Part # 2,5MSFQ19
Description  Minimodul connectors, pitch 2.5 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,5MSFQ19 Datasheet(HTML) 2 Page - Lumberg

  2,5MSFQ19 Datasheet HTML 1Page - Lumberg 2,5MSFQ19 Datasheet HTML 2Page - Lumberg 2,5MSFQ19 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
31 2,5 MSFQ
01/2018
2
*a
for bore hole in printed circuit board Ø 1 mm
*b
printed circuit board layout, solder side view
*c
2 pole connection with crimp connector 3114/3111 only with
special version 2,5 MSFQ 02 (3114)
Environmental conditions
Temperature range
-40 °C/+120 °C 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PA GF, V-0 according to UL94 1
Contact pin
CuZn, pre-nickel and tin-plated
1
component glow wire resistant (GWT 750 °C), testing acc. to IEC 60695-2-11, assessment acc. to
IEC 60335-1 (flame < 2 s)
Electrical data (at Tamb 20 °C)
Rated current
5 A (TU 60 °C)
Rated voltage
160 V AC
Material group
IIIa (IEC)/2 (UL) (CTI ≥ 250)
Creepage distance
1,9 mm
Clearance
1,9 mm
Insulation resistance
> 1 GΩ
Associated products
Counterparts
2,54 MKB
2,54 MKBL
3114
4143 01
of 3


Similar Part No. - 2,5MSFQ19

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,5MSFQ/O LUMBERG-2,5MSFQ/O Datasheet
406Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFQ/O02 LUMBERG-2,5MSFQ/O02 Datasheet
406Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFQ/O03 LUMBERG-2,5MSFQ/O03 Datasheet
406Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFQ/O04 LUMBERG-2,5MSFQ/O04 Datasheet
406Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFQ/O05 LUMBERG-2,5MSFQ/O05 Datasheet
406Kb / 3P
   Minimodul connectors, pitch 2.5 mm
More results

Similar Description - 2,5MSFQ19

ManufacturerPart #DatasheetDescription
logo
Lumberg
311103L LUMBERG-311103L Datasheet
215Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MB LUMBERG-2.5MB_18 Datasheet
353Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MSFWO LUMBERG-2.5MSFWO Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MSFO LUMBERG-2.5MSFO Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MSF LUMBERG-2.5MSF_18 Datasheet
441Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311101L LUMBERG-311101L Datasheet
215Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311103G LUMBERG-311103G Datasheet
660Kb / 4P
   Minimodul connectors, pitch 2.5 mm
3114 LUMBERG-3114_18 Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311101G LUMBERG-311101G Datasheet
660Kb / 4P
   Minimodul connectors, pitch 2.5 mm
2.5MBPH LUMBERG-2.5MBPH Datasheet
303Kb / 3P
   Minimodul connectors, pitch 2.5 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com