Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2,54MKBL Datasheet(PDF) 2 Page - Lumberg

Part # 2,54MKBL
Description  Shorting links, pitch 2.5/2.54 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54MKBL Datasheet(HTML) 2 Page - Lumberg

  2,54MKBL Datasheet HTML 1Page - Lumberg 2,54MKBL Datasheet HTML 2Page - Lumberg 2,54MKBL Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
41 2,54 MKBL
01/2018
2
2,5...2,54
*a
*a
test pick-up
Environmental conditions
Temperature range
-25 °C/+100 °C
Materials
Insulating body
PA, V-2 according to UL94
Contact spring
CuSn, tin-plated – 2,54 MKBL
CuSn, pre-nickel and gold-plated –
2,54 MKBL/V
Mechanical data
Mating cycles
≥ 25 – 2,54 MKBL
≥ 150 – 2,54 MKBL/V 1
Insertion force
≤ 5,0 N – 2,54 MKBL
≤ 4,0 N – 2,54 MKBL/V 2
Withdrawal force
≥ 2,0 N 2
1
measured with appropriate counterparts (tin-plated/gold-plated)
2
measured with a polished steel pin, nominal thickness 0.64 mm x 0.64 mm
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 10 mΩ – 2,54 MKBL
≤ 5 mΩ – 2,54 MKBL/V
Rated current
2,5 A
Material group
I (CTI ≥ 600)
Insulation resistance
> 1 GΩ
Associated products
Counterparts
2,5 MS
2,5 MSF
2,5 MSF/O
2,5 MSFQ
2,5 MSFQ/O
2,5 MSFW
2,5 MSFW/O
2,5 MSFWQ
2,5 MSFWQ/O
3850
3851
3852
3853
8385 A 01
of 3


Similar Part No. - 2,54MKBL

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,54MKB LUMBERG-2,54MKB Datasheet
209Kb / 3P
   Shorting links, pitch 2.5/2.54 mm
2,54MKB/V LUMBERG-2,54MKB/V Datasheet
209Kb / 3P
   Shorting links, pitch 2.5/2.54 mm
More results

Similar Description - 2,54MKBL

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54MKB LUMBERG-2.54MKB Datasheet
209Kb / 3P
   Shorting links, pitch 2.5/2.54 mm
414301 LUMBERG-414301 Datasheet
945Kb / 3P
   Shorting links, pitch 2.5/2.54 mm
logo
CAMBION Electronic Comp...
461-2871 CAMBION-461-2871 Datasheet
29Kb / 1P
   Shorting Links, insulated, .040 (1,02) diameter pins
461-3771 CAMBION-461-3771 Datasheet
69Kb / 1P
   Shorting Links, insulated, .040 (1,02) diameter pins
logo
Lumberg
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RFL LUMBERG-2.5RFL Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com