Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2,5MSFW11 Datasheet(PDF) 1 Page - Lumberg

Part # 2,5MSFW11
Description  Minimodul connectors, pitch 2.5 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,5MSFW11 Datasheet(HTML) 1 Page - Lumberg

  2,5MSFW11 Datasheet HTML 1Page - Lumberg 2,5MSFW11 Datasheet HTML 2Page - Lumberg 2,5MSFW11 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
31 2,5 MSFW
01/2018
1
Minimodul™ connectors, pitch 2.5 mm
Minimodul™ pin header, angular, with locking latch, solder
contacts single row
State: Active
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 3


Similar Part No. - 2,5MSFW11

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,5MSFW/O LUMBERG-2,5MSFW/O Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFW/O02 LUMBERG-2,5MSFW/O02 Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFW/O03 LUMBERG-2,5MSFW/O03 Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFW/O04 LUMBERG-2,5MSFW/O04 Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2,5MSFW/O05 LUMBERG-2,5MSFW/O05 Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
More results

Similar Description - 2,5MSFW11

ManufacturerPart #DatasheetDescription
logo
Lumberg
311103L LUMBERG-311103L Datasheet
215Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MB LUMBERG-2.5MB_18 Datasheet
353Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MSFWO LUMBERG-2.5MSFWO Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MSFO LUMBERG-2.5MSFO Datasheet
412Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MSF LUMBERG-2.5MSF_18 Datasheet
441Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311101L LUMBERG-311101L Datasheet
215Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311103G LUMBERG-311103G Datasheet
660Kb / 4P
   Minimodul connectors, pitch 2.5 mm
3114 LUMBERG-3114_18 Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311101G LUMBERG-311101G Datasheet
660Kb / 4P
   Minimodul connectors, pitch 2.5 mm
2.5MSFQ LUMBERG-2.5MSFQ Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
2.5MBPH LUMBERG-2.5MBPH Datasheet
303Kb / 3P
   Minimodul connectors, pitch 2.5 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com