Electronic Components Datasheet Search |
|
HI80P30B1K1J Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
HI80P30B1K1J Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
2 / 12 page http://www.token.com.tw rfq@token.com.tw Taiwan Factory: +886 2 29810109 China Factory: +86 755 26055363 Page: 1/11 Product Introduction Features : Thick film sensorless design. Wide range of resistance. Bottom temperature coefficient and high precision. Resistance to humidity, heat and electricity. Long term performance, stable and reliable. Applications : Impulse voltage generators, Arc furnace damping, Energy research, Pulse modulators, Radar Pulse-forming networks, Capacitor crowbar circuits, High voltage snubber circuits, X-ray/imaging equipment, and EMI/lightning supression. Token electronic ultra-precision high-power high-voltage resistor (HI80) family series take advantage of new ultra-fine ruthenium material, 95% aluminum oxide ceramic rods, and thick film non-inductive Serpentine Pattern Design. Precision can be narrowed to ±0.1%, and power breakthrough 300W. (HI80) featuring heat-resistant, humidity-resistant, resisting electrical pulse, and stable and reliable long-term performance, is specifically designed for general purpose industrial high voltage system applications. (HI80) family of high-voltage resistors includes conventional high-voltage resistors (HI80D), conventional miniaturized high-voltage resistors (HI80DS), high-power high-voltage resistors (HI80P), and ultra-precision high-voltage resistors (HI80T). Conventional high voltage resistors (HI80D) have a wide resistance range of 200Ω ~ 10GΩ, rated power 2.5W ~ 20W, accuracy tolerance F (± 1%), J (± 5%), K (± 10%), the lowest temperature coefficient down to 50ppm on request, and the standard temperature coefficient of 100ppm. (HI80DS) All-film conventional miniature high-voltage resistor relative to (hi80d), with small size, higher power 3W ~ 30W, withstand higher voltage, and none-inductance. The temperature coefficient of the lowest can reach 50ppm (25℃ ~105℃), the standard temperature coefficient of 100ppm. Precision Tolerances F (±1%), J (±5%), K (±10%). High power high voltage resistors (HI80P) have high rated power 20W ~ 300W, resistance range 1Ω ~ 1GΩ, precision tolerance D (± 0.5%), F (± 1%), J (± 5%), K (± 10% ), The temperature coefficient of up to 25ppm (on request), the standard temperature coefficient of 50ppm. Ultra-precision high-voltage resistor (HI80T) characters 15ppm temperature coefficient, the standard temperature coefficient is 25ppm, the precision tolerance has B (± 0.1%), D (± 0.5%), F (± 1%), the resistance range 1Ω ~ 500MΩ, and the rated power 0.8W ~ 6W to choose from. Token (HI80) Voltage Resistor series is able to absorb large amounts of energy at high voltage while remaining non-inductive and heavy load characteristics. The HI80 conforms to the RoHS directives and Lead-free. Customed design, and tighter tolerances are available on request. For customed designs, tighter tolerances, non-standard technical requirements, or custom special applications, please contact our sales for more information or link to Token official website "High Voltage Resistors" to get more information. New ruthenium material, extended ultra-precision high-power high-voltage resistors (HI80) breakthrough 300W, precision narrowed to 0.1%. |
Similar Part No. - HI80P30B1K1J |
|
Similar Description - HI80P30B1K1J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |