Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W320-03 Datasheet(PDF) 15 Page - Silicon Laboratories

Part No. W320-03
Description  200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

W320-03 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button W320-03 Datasheet HTML 8Page - Silicon Laboratories W320-03 Datasheet HTML 9Page - Silicon Laboratories W320-03 Datasheet HTML 10Page - Silicon Laboratories W320-03 Datasheet HTML 11Page - Silicon Laboratories W320-03 Datasheet HTML 12Page - Silicon Laboratories W320-03 Datasheet HTML 13Page - Silicon Laboratories W320-03 Datasheet HTML 14Page - Silicon Laboratories W320-03 Datasheet HTML 15Page - Silicon Laboratories W320-03 Datasheet HTML 16Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
W320-03
......................Document #: 38-07248 Rev. *C Page 15 of 16
Test Circuit[16, 17]
9, 15, 20, 27, 31, 36, 41, 47
VDD_REF, VDD_PCI,
OUTPUTS
W320-03
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
Rs
Rs
Rp
Rp
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
1, 8, 14, 26, 32, 37, 46, 50
0.7V Test Load
2 pF
2 pF
Ordering Information
Ordering Code
Package Type
Operating Range
W320-03H
56-pin SSOP
Commercial
W320-03HT
56-pin SSOP - Tape and Reel
Commercial
W320-03X
56-pin TSSOP
Commercial
W320-03XT
56-pin TSSOP - Tape and Reel
Commercial
Lead-free
CYW320OXC-3
56-pin SSOP
Commercial
CYW320OXC-3T
56-pin SSOP - Tape and Reel
Commercial
Notes:
16. Each supply pin must have an individual decoupling capacitor.
17. All capacitors must be placed as close to the pins as is physically possible. 0.7V amplitude: RS = 33 RP = 50.
9, 15, 20, 27, 31, 36, 41, 47
VDD_REF, VDD_PCI,
OUTPUTS
W320-03
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
1, 8, 14, 26, 32, 37, 46, 50
1.0V Test Load
2 pF
2 pF
33
33
63.4
63.4
475
1.0V Amplitude


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn