Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

W320-03 Datasheet(PDF) 12 Page - Silicon Laboratories

Part No. W320-03
Description  200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo 

W320-03 Datasheet(HTML) 12 Page - Silicon Laboratories

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
W320-03
......................Document #: 38-07248 Rev. *C Page 12 of 16
PWRGD# Timing Diagrams
PWRDWN# Deassertion[15]
10-30
s min.
100-200
s max.
<3ms
66BUFF1/GMCH
66BUFF0,2
PCI
PWR_DWN#
CPU
CPU#
3V66
66IN
USB
REF
PCI_F (APIC)
GND VRM 5/12V
PWRGD#
VID [3:0]
BSEL [1:0]
PWRGD# FROM
VRM
PWRGD# FROM
NPN
Possible glitch while Clock VCC is coming
up. Will be gone in 0.2–0.3 ms delay.
VCC CPU CORE
PWRGD#
VCC W320 CLOCK
0.2 – 0.3 ms
delay
Wait for
PWRGD#
Sample
BSELS
CLOCK STATE
State 0
State 1
State 2
State 3
ON
OFF
OFF
CLOCK VCO
CLOCK OUTPUTS
Figure 2. CPU Power BEFORE Clock Power
ON
GEN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn