Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

W320-03 Datasheet(PDF) 10 Page - Silicon Laboratories

Part No. W320-03
Description  200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo 

W320-03 Datasheet(HTML) 10 Page - Silicon Laboratories

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
W320-03
......................Document #: 38-07248 Rev. *C Page 10 of 16
Switching Waveforms
Duty Cycle Timing
t1B
(Single Ended Output)
t1A
Duty Cycle Timing (CPU Differential Output)
t1B
t1A
All Outputs Rise/Fall Time
OUTPUT
t2
VDD
0V
t3
CPU-CPU Clock Skew
Host_b
Host
t4
Host_b
Host
3V66-3V66 Clock Skew
3V66
3V66
t5
PCI-PCI Clock Skew
PCI
PCI
t6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn