Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W320-03 Datasheet(PDF) 4 Page - Silicon Laboratories

Part No. W320-03
Description  200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

W320-03 Datasheet(HTML) 4 Page - Silicon Laboratories

  W320-03 Datasheet HTML 1Page - Silicon Laboratories W320-03 Datasheet HTML 2Page - Silicon Laboratories W320-03 Datasheet HTML 3Page - Silicon Laboratories W320-03 Datasheet HTML 4Page - Silicon Laboratories W320-03 Datasheet HTML 5Page - Silicon Laboratories W320-03 Datasheet HTML 6Page - Silicon Laboratories W320-03 Datasheet HTML 7Page - Silicon Laboratories W320-03 Datasheet HTML 8Page - Silicon Laboratories W320-03 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
W320-03
........................Document #: 38-07248 Rev. *C Page 4 of 16
Serial Data Interface (SMBus)
To enhance the flexibility and function of the clock synthesizer,
a two signal SMBus interface is provided according to the
SMBus specification. Through the Serial Data Interface (SDI),
various device functions such as individual clock output
buffers, etc can be individually enabled or disabled. W320-03
support both block read and block write operations.
The registers associated with the SDI initialize to their default
setting upon power-up, and therefore use of this interface is
optional. Clock device register changes are normally made
upon system initialization, if any are required. The interface
can also be used during system operation for power
management functions.
Data Protocol
The clock driver serial protocol accepts only block writes from
the controller. The bytes must be accessed in sequential order
from lowest to highest byte, (most significant bit first) with the
ability to stop after any complete byte has been transferred.
Indexed bytes are not allowed.
A block write begins with a slave address and a WRITE
condition. The R/W bit is used by the SMBus controller as a
data direction bit. A zero indicates a WRITE condition to the
clock device. The slave receiver address is 11010010 (D2h).
A command code of 0000 0000 (00h) and the byte count bytes
are required for any transfer. After the command code, the
core logic issues a byte count which describes number of
additional bytes required for the transfer, not including the
command code and byte count bytes. For example, if the host
has 20 data bytes to send, the first byte would be the number
20 (14h), followed by the 20 bytes of data. The byte count byte
is required to be a minimum of one byte and a maximum of 32
bytes It may not be 0. Figure 1 shows an example of a block
write.
A transfer is considered valid after the acknowledge bit corre-
sponding to the byte count is read by the controller.
Data Byte Configuration Map
Start
bit
Slave Address
1 1 0 1 0 0 1 0
R/W
0/1
A
Command
Code
0 0 0 0 0 0 0 0
A Byte Count =
N
A
Data Byte 0
A
. . .
Data Byte N-1 A Stop
bit
1 bit
7 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Figure 1. An Example of a Block Write
From Master to Slave
From Slave to Master
Data Byte 0: Control Register (0 = Enable, 1 = Disable)
Bit
Affected Pin#
Name
Description
Type
Power On
Default
Bit 7
5, 6, 7, 10, 11,
12, 13, 16, 17,
18, 33, 35
PCI [0:6]
CPU[2:0]
3V66[1:0]
Spread Spectrum Enable
0 = Spread Off, 1 = Spread On
R/W
0
Bit 6
TBD
TBD
R
0
Bit 5
35
3V66_1/VCH
VCH Select 66 MHz/48 MHz
0 = 66 MHz, 1 = 48 MHz
R/W
0
Bit 4
44, 45, 48, 49,
51, 52
CPU [2:0]
CPU# [2:0]
CPU_STOP#
Reflects the current value of the external CPU_STOP# pin
RN/A
Bit 3
10, 11, 12, 13,
16, 17, 18
PCI [6:0]
PCI_STOP#
(Does not affect PCI_F [2:0] pins)
R/W
N/A
Bit 2
S2
Reflects the value of the S2 pin sampled on Power-up
RN/A
Bit 1
S1
Reflects the value of the S1 pin sampled on Power-up
RN/A
Bit 0
S0
Reflects the value of the S1 pin sampled on Power-up
RN/A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn