Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS10FTRFRR100N Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TCS10FTRFRR100N
Description  Chip Current Sensing Precision Resistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS10FTRFRR100N Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TCS10FTRFRR100N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCS10FTRFRR100N Datasheet HTML 10Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 8/9
Order Codes
Order Codes (TCS)
TCS
02
D
TR
E
1R00
N
Part
Type
Dimensions
(L×W)
(mm)
02
0402
03
0603
05
0805
06
1206
10
2010
12
2512
Resistance
Tolerance
(%)
F
±1
D
±0.5
Package
P
Bulk
TR
Taping
Reel
TCR
(ppm/℃)
D
±50
E
±100
F
±200
Power Rating
(W)
Standard
R
3W
Resistance
(Ω)
R010
0.01
R100
0.100
1R00
1.000
Marking
Standard
Marking
N
No
Marking
3 Digit Marking (0603) (TCS)
Resistance
0.1Ω
0.15Ω
0.01Ω
0.101Ω
0.035Ω
Codes
1R0
R10
R15
R01
101
035
4 Digit Marking (0805~2512) (TCS)
Resistance
0.1Ω
0.05Ω
0.015Ω
0.01Ω
0.39Ω
Codes
1R00
R100
R050
R015
R010
R390


Similar Part No. - TCS10FTRFRR100N

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCS10FTRFQR010 TOKEN-TCS10FTRFQR010 Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
TCS10FTRFQR010N TOKEN-TCS10FTRFQR010N Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
TCS10FTRFQR100 TOKEN-TCS10FTRFQR100 Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
TCS10FTRFQR100N TOKEN-TCS10FTRFQR100N Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
TCS10FTRFSR010 TOKEN-TCS10FTRFSR010 Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
More results

Similar Description - TCS10FTRFRR100N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSS1206 ETC2-CSS1206 Datasheet
147Kb / 6P
   Ultra Precision Current Sensing Chip Resistor
EKI-2728-BE ETC2-EKI-2728-BE Datasheet
147Kb / 6P
   Ultra Precision Current Sensing Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
   Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
   Molded Precision Current Sensing Resistor
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com